Electronic Components Datasheet Search
  English  ▼

X  

TL592B Datasheet(PDF) 2 Page - Texas Instruments

Part # TL592B
Description  DIFFERENTIAL VIDEO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL592B Datasheet(HTML) 2 Page - Texas Instruments

  TL592B Datasheet HTML 1Page - Texas Instruments TL592B Datasheet HTML 2Page - Texas Instruments TL592B Datasheet HTML 3Page - Texas Instruments TL592B Datasheet HTML 4Page - Texas Instruments TL592B Datasheet HTML 5Page - Texas Instruments TL592B Datasheet HTML 6Page - Texas Instruments TL592B Datasheet HTML 7Page - Texas Instruments TL592B Datasheet HTML 8Page - Texas Instruments TL592B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
8
2
IN+
IN–
B
A
7
Gain
Adjust
6
4
5
3
V
CC+
V
CC–
OUT+
OUT–
ABSOLUTE MAXIMUM RATINGS
(1) (2)
DISSIPATION RATINGS
TL592B
SLFS001B – JUNE 1985 – REVISED APRIL 2008 ............................................................................................................................................................. www.ti.com
SCHEMATIC
NOTE: Pin numbers shown are for D, P, and PS packages.
over operating free-air temperature range (unless otherwise noted)
VCC+
Positive supply voltage
8 V
VCC–
Negative supply voltage
–8 V
VDI
Differential input voltage
±5 V
VI
Voltage range, any input
VCC+ to VCC–
IO
Output current
10 mA
PD
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
0
°C to 70°C
Tstg
Storage temperature range
–65
°C to 150°C
Tlead
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential input voltages are with respect to the midpoint between VCC+ and VCC–.
TA ≤ 25°C
TA = 70°C
PACKAGE
DERATING FACTOR
DERATE ABOVE TA
POWER RATING
POWER RATING
D8
530 mW
5.8 mW/
°C
59
464 mW
D14
530 mW
N/A
N/A
530 mW
N
530 mW
N/A
N/A
530 mW
P
530 mW
N/A
N/A
530 mW
PS
530 mW
N/A
N/A
530 mW
2
Submit Documentation Feedback
Copyright © 1985–2008, Texas Instruments Incorporated
Product Folder Link(s): TL592B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com