Electronic Components Datasheet Search
  English  ▼

X  

TL592B Datasheet(PDF) 3 Page - Texas Instruments

Part # TL592B
Description  DIFFERENTIAL VIDEO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL592B Datasheet(HTML) 3 Page - Texas Instruments

  TL592B Datasheet HTML 1Page - Texas Instruments TL592B Datasheet HTML 2Page - Texas Instruments TL592B Datasheet HTML 3Page - Texas Instruments TL592B Datasheet HTML 4Page - Texas Instruments TL592B Datasheet HTML 5Page - Texas Instruments TL592B Datasheet HTML 6Page - Texas Instruments TL592B Datasheet HTML 7Page - Texas Instruments TL592B Datasheet HTML 8Page - Texas Instruments TL592B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TL592B
www.ti.com ............................................................................................................................................................. SLFS001B – JUNE 1985 – REVISED APRIL 2008
MIN
NOM
MAX
UNIT
VCC+
Positive supply voltage
3
6
8
V
VCC–
Negative supply voltage
–3
–6
–8
V
TA
Operating free-air temperature
0
70
°C
at specified free-air temperature, VCC± = ±6 V, RL = 2 kΩ (unless otherwise noted)
TEST
PARAMETER
TEST CONDITIONS(1)
TA
MIN
TYP
MAX
UNIT
FIGURE
25
°C
300
400
500
RAB = 0
Large-signal differential
VOPP = 3 V,
AVD
1
0
°C to 70°C
250
600
V/V
voltage amplification
RL = 2 kΩ
RAB = 1 kΩ
25
°C
13
BW
Bandwidth ( –3 dB)
2
VOPP = 1 V, RAB = 0
25
°C
50
MHz
25
°C
0.4
5
IIO
Input offset current
µA
0
°C to 70°C
6
25
°C
9
30
IIB
Input bias current
µA
0
°C to 70°C
40
25
°C
±1
Common-mode input
VICR
3
V
voltage range
0
°C to 70°C
±1
Common-mode output
VOC
1
RL = ∞
25
°C
2.4
2.9
3.4
V
voltage
25
°C
0.35
0.75
VOO
Output offset voltage
1
VID = 0, RAB = ∞, RL = ∞
V
0
°C to 70°C
1.5
25
°C
3
4
Peak-to-peak output
VOPP
1
RL = 2 kΩ, RAB = 0
V
voltage swing
0
°C to 70°C
2.8
25
°C
4
ri
Input resistance
VOD = 1 V, RAB = 0
k
Ω
0
°C to 70°C
3.6
ro
Output resistance
0
°C to 70°C
30
Ω
Ci
Input capacitance
0
°C to 70°C
5
pF
f = 100 kHz
60
86
25
°C
f = 5 MHz
60
Common-mode rejection
VIC = ±1 V,
CMRR
3
dB
ratio
RAB = 0
f = 100 kHz
50
0
°C to 70°C
f = 5 MHz
60
25
°C
50
70
Supply voltage rejection
ΔVCC+ = ±0.5 V, ΔVCC– = ±0.5 V,
kSVR
4
dB
ratio (
ΔVCC/ΔVIO)
RAB = 0
0
°C to 70°C
50
Broadband equivalent
Vn
4
BW = 1 kHz to 10 MHz
25
°C
3
µV
input noise voltage
tpd
Propagation delay time
2
ΔVO = 1 V
25
°C
7.5
ns
tr
Rise time
2
ΔVO = 1 V
25
°C
10.5
ns
Maximum output sink
Isink(max)
VID = 1 V, VO = 3 V
3
4
mA
current
25
°C
18
24
ICC
Supply current
No load, No signal
mA
0
°C to 70°C
27
(1)
RAB is the gain-adjustment resistor connected between gain-adjust pins A and B. If not specified for a particular parameter, its value is
irrelevant to that parameter.
Copyright © 1985–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL592B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com