Electronic Components Datasheet Search
  English  ▼

X  

TL7660CP Datasheet(PDF) 4 Page - Texas Instruments

Part # TL7660CP
Description  CMOS VOLTAGE CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7660CP Datasheet(HTML) 4 Page - Texas Instruments

  TL7660CP Datasheet HTML 1Page - Texas Instruments TL7660CP Datasheet HTML 2Page - Texas Instruments TL7660CP Datasheet HTML 3Page - Texas Instruments TL7660CP Datasheet HTML 4Page - Texas Instruments TL7660CP Datasheet HTML 5Page - Texas Instruments TL7660CP Datasheet HTML 6Page - Texas Instruments TL7660CP Datasheet HTML 7Page - Texas Instruments TL7660CP Datasheet HTML 8Page - Texas Instruments TL7660CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
COSC – Oscillator Capacitance – pF
VCC = 5 V
TA = 25°C
5
7
9
11
13
15
17
19
21
-40 -25 -10
5
20 35 50 65 80 95 110 125
TA – Free-Air Temperature – °C
VCC = 5 V
VCC = 10 V
0
1
2
3
4
5
6
7
8
9
10
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Free-Air Temperature – °C
Supply Voltage Range
(No Diode Required)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
-40 -25 -10 5
20 35 50 65 80 95 11
0
12
5
TA – Free-Air Temperature – °C
VCC = 2 V
IO = 3 mA
VCC = 5 V
IO = 20 mA
VCC = 10 V
IO = 20 mA
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
OSCILLATOR FREQUENCY
OSCILLATOR FREQUENCY
vs
vs
OSCILLATOR CAPACITANCE
TEMPERATURE
OUTPUT RESISTANCE
SUPPLY VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com