Electronic Components Datasheet Search
  English  ▼

X  

TL7660CP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL7660CP
Description  CMOS VOLTAGE CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7660CP Datasheet(HTML) 1 Page - Texas Instruments

  TL7660CP Datasheet HTML 1Page - Texas Instruments TL7660CP Datasheet HTML 2Page - Texas Instruments TL7660CP Datasheet HTML 3Page - Texas Instruments TL7660CP Datasheet HTML 4Page - Texas Instruments TL7660CP Datasheet HTML 5Page - Texas Instruments TL7660CP Datasheet HTML 6Page - Texas Instruments TL7660CP Datasheet HTML 7Page - Texas Instruments TL7660CP Datasheet HTML 8Page - Texas Instruments TL7660CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
APPLICATIONS
D,DGK,ORP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
CAP+
GND
CAP−
V
CC
OSC
LV
V
OUT
NC − Nointernalconnection
DESCRIPTION/ORDERING INFORMATION
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
•
On-Board Negative Supplies
•
Simple Voltage Conversion, Including
•
Data-Acquisition Systems
– Negative Converter
•
Portable Electronics
– Voltage Doubler
•
Wide Operating Range
…1.5 V to 10 V
•
Requires Only Two External (Noncritical)
Capacitors
•
No External Diode Over Full Temperature and
Voltage Range
•
Typical Open-Circuit Voltage Conversion
Efficiency
…99.9%
•
Typical Power Efficiency
…98%
•
Full Testing at 3 V
The TL7660 is a CMOS switched-capacitor voltage converter that perform supply-voltage conversions from
positive to negative. With only two noncritical external capacitors needed for the charge pump and charge
reservoir functions, an input voltage within the range from 1.5 V to 10 V is converted to a complementary
negative output voltage of –1.5 V to –10 V. The device can also be connected as a voltage doubler to generate
output voltages up to 18.6 V with a 10-V input.
The basic building blocks of the IC include a linear regulator, an RC oscillator, a voltage-level translator, and four
power MOS switches. To ensure latch-up-free operation, the circuitry automatically senses the most negative
voltage in the device and ensures that the N-channel switch source-substrate junctions are not forward biased.
The oscillator frequency runs at a nominal 10 kHz (for VCC = 5 V), but that frequency can be decreased by
adding an external capacitor to the oscillator (OSC) terminal or increased by overdriving OSC with an external
clock.
For low-voltage operation (VIN < 3.5 V), LV should be tied to GND to bypass the internal series regulator. Above
3.5 V, LV should be left floating to prevent device latchup.
The TL7660C is characterized for operation over a free-air temperature range of –40
°C to 85°C. The TL7660I is
characterized for operation over a free-air temperature range of –40
°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
Reel of 250
TL7660CDGKT
MSOP/VSSOP – DGK
TM_
Reel of 2500
TL7660CDGKR
–40
°C to 85°C
PDIP – P
Tube of 50
TL7660CP
TL7660CP
Tube of 75
TL7660CD
SOIC – D
7660C
Reel of 2500
TL7660CDR
Reel of 250
TL7660IDGKT
MSOP/VSSOP – DGK
TN_
Reel of 2500
TL7660IDGKR
–40
°C to 125°C
PDIP – P
Tube of 50
TL7660IP
TL7660IP
Tube of 75
TL7660ID
SOIC – D
7660I
Reel of 2500
TL7660IDR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DGK: The actual top-side marking has one additional character that indicates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL7660CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7660CP TI-TL7660CP Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
TL7660CP TI1-TL7660CP Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
TL7660CPE4 TI1-TL7660CPE4 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
More results

Similar Description - TL7660CP

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
100mA CMOS Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
CMOS Voltage Converter
January 9, 2006
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
12V CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com