Electronic Components Datasheet Search
  English  ▼

X  

VCAS080505A150 Datasheet(PDF) 2 Page - AVX Corporation

Part # VCAS080505A150
Description  Multilayer Varistors Sample Kit – Automotive Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS080505A150 Datasheet(HTML) 2 Page - AVX Corporation

  VCAS080505A150 Datasheet HTML 1Page - AVX Corporation VCAS080505A150 Datasheet HTML 2Page - AVX Corporation VCAS080505A150 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AVX-KIT-MLV-AUTO
Multilayer Varistors Sample Kit – Automotive Applications
175°C HighTemp TransGuard® Automotive Series
High Temp components for 175°C operation with no derating
StaticGuard Automotive Series
Low capacitance version of the TransGuard designed for general ESD protection of CMOS, Bi-Polar, and SiGe based systems. Suitable for use in higher speed
data transmission lines and other capacitance sensitive applications.
Low Capacitance - Communication Bus Automotive Series
Designed for protection of general areas of CAN and FlexRay network. Compared to diodes, these parts have the added advantages of greater current and
energy handling capabilities as well as EMI/RFI attenuation.
Low Capacitance - sub pF AG / AP / AG Series
Low capacitance varistors for RF circuits, sensors, high-speed data lines and other capacitance sensitive circuits. Low insertion loss, low leakage, unsurpassed
reliability compared to diodes.
sub pF AG Series
AG Series
AP Series
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
E
LD
I
P
Cap
Freq
V
Jump
P
Diss. Max
EIA
Vdc
Vac
V
V
A
μA
J
J
A
pF
V
W
VTA7080531C650
0805
31
25
39±10%
65
1
10
0.3
1
80
275
K
29
0.006
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
I
P
Cap
Freq
V
Jump
P
Diss. Max
EIA
Vdc
Vac
V
V
A
μA
J
A
pF
V
W
VCAS06LC18X500
0603
18
14
25-40
50
1
10
0.05
30
50
M
27.5
0.001
VCAS08LC18A500
0805
18
14
25-40
50
1
10
0.1
30
80
M
27.5
0.002
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
I
P
Cap
Freq
V
Jump
P
Diss. Max
EIA
Vdc
Vac
V
V
A
μA
J
A
pF
V
W
CAN0001
0603
18
14
120
225
1
2
0.015
4
22 Max
M
27.5
0.003
CAN0005
0402
18
14
33
55
1
2
0.05
10
37 Max
M
27.5
0.001
CAN0007
0603
32
25
61
120
1
5
0.05
5
15 Max
M
27.5
0.003
FLX0005
0402
18
14
26
45
1
5
0.02
4
17 Max
M
27.5
0.004
AVX PN
Case
V
W (DC)
V
B
I
L
Cap
Freq
3db Freq
EIA
Vdc
V
μA
pF
MHz
VCASH4AG160R8MA
0402
16
125
1
0.8±20%
M
5800
AVX PN
Case
V
W (DC)
V
W (AC)
I
L
Cap
Freq
EIA
Vdc
V
μA
pF
VCAS04AG183R0YAT 0402
18
14
0.1
3 Max
M
VCAS06AG18120YAT
0603
18
14
0.1
12
M
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
I
P
Cap
Freq
V
Jump
EIA
Vdc
Vac
V
V
A
μA
J
A
pF
V
VCAS04AP181R5DAT
0402
18
13
150-210
350
1
0.1
0.02
1
1.5±0.5
M
48
VCAS06AP243R3LAT
0603
24
17
90-150
240
1
0.1
0.04
3
3.3±0.5
M
48
100419



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com