Electronic Components Datasheet Search
  English  ▼

X  

VCAS080505A150 Datasheet(PDF) 3 Page - AVX Corporation

Part # VCAS080505A150
Description  Multilayer Varistors Sample Kit – Automotive Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS080505A150 Datasheet(HTML) 3 Page - AVX Corporation

  VCAS080505A150 Datasheet HTML 1Page - AVX Corporation VCAS080505A150 Datasheet HTML 2Page - AVX Corporation VCAS080505A150 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
AVX-KIT-MLV-AUTO
Multilayer Varistors Sample Kit – Automotive Applications
Miniature MAV Series
Designed for use in low-power AC circuit protection, transient suppression in LC resonant circuits intended for signal & power transfer, and higher DC voltage
data lines.
Controlled Capacitance Series
A controlled capacitance MLV can greatly improve overall system EMC performance and reduce system size. Developed for use in mixed signal environments
with purpose to:
1. Reduce emissions from a high-speed ASIC
2. Prevent induced E fields from conducting into the IC
3. Clamp transient voltages
TransFeed
Combines best TransGuard® and FeedThru filter properties resulting in transient protection with enhanced attenuation characteristics for EMI reduction (narrow
band/high attenuation filter).
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
I
P
Cap
Freq
EIA
Vdc
Vac
V
V
A
μA
J
A
pF
MAV0010
0603
70
52
120±15%
25
1
10
0.015
2
22 Max
M
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
I
P
Cap
Freq
EIA
Vdc
Vac
V
V
A
μA
J
A
pF
VCAC060322A470N
0603
22
17
32.5±25%
50
1
10
0.1
30
47±30%
M
VCAC060326C820M
0603
26
20
36.0±15%
67
1
10
0.3
30
82±20%
M
AVX PN
Case
V
W (DC)
V
W (AC)
V
B
V
C
I
VC
I
L
E
T
I
P
Cap
DC res
I
FT Max
V
Jump
EIA
Vdc
Vac
V
V
A
μA
J
A
pF
Ohm
A
V
V2AF118A400Y2E
0805
18
13
25.5±15%
42
1
10
0.1
30
200
0.2
0.75
27.5
V
W(DC)
DC Working Voltage [V]
E
LD
V
W(AC)
AC Working Voltage[V]
I
P
V
B
Cap
V
C
V
Jump
Load Dump Energy(x10)
Peak Current Rating [A,8x20μS]
Typical capacitance [pF] @ frequency specified and 0.5V
RMS
Jump Start(V)
I
VC
P
Diss.Max
Power Dissipation(W)
I
L
DC res
DC resistence (Ohms)
E
T
Typical Breakdown Votage [V @ 1mADC]
Clamping Voltage [V @ IVC]
Test Current forVC
Maximum leakage current at the working voltage[μA]
Transient Energy Rating [J,10x1000μS]
I
FT
Maximum feedthrucurrent(A)
100419



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com