Electronic Components Datasheet Search
  English  ▼

X  

EC3586EX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EC3586EX
Description  EC3586 3D Serial Mouse Controller With Auto-Ref
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3586EX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EC3586EX Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E-CMOS
EC3586
飛虹積體電路股份有限公司
Page 3
of
8
TEL:(03)5783622
FAX:(03)5783630
3.2 Transmit sequence of each byte:
Intelli 3D
Start bit
Data bit 0
|
Data bit 6
1 st bit
Last bit
Stop bit
3.3 BR/BM/BL Data format:
Intelli 3D
1=Depressed
0=Released
4. ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN
MAX
UNIT
Supply Voltage
0
6.5
V
Ambient Temperature
0
70
℃
Storage Temperature
-40
125
℃
Power Dissipation
(Tamb = 70 ℃)
100
mW
Note: This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended for
extended periods of time may affect reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com