Electronic Components Datasheet Search
  English  ▼

X  

EC3586EX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EC3586EX
Description  EC3586 3D Serial Mouse Controller With Auto-Ref
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3586EX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EC3586EX Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3586EX Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E-CMOS
EC3586
飛虹積體電路股份有限公司
Page 4
of
8
TEL:(03)5783622
FAX:(03)5783630
5.DC ELECTRICAL CHARACTERISITICS
(NOTE: VDD = 5V, unless otherwise specified)
PARAMETER
MIN
TYP
MAX
UNIT
Operating Voltage
4.5
5
5.5
V
Operating Current ( No load )
2.0
mA
BL/BM/BR Internal Pull-down
Resistor
150
200
270
Kohm
Z1/Z2(A/C/E type)
Internal Pull-down resistor
12
Kohm
Z1/Z2(B type)
Internal Pull-up resistor
75
100
150
Kohm
X1,X2,Y1,Y2,Z1,Z2
Input Range
0.1
3.2
V
X1,X2,Y1,Y2,Z1,Z2
Input Amplitude
0.6
V
X1,X2,Y1,Y2
Internal Pull-down resistor
12
Kohm
RXD Output Current (source)
(Voh=(RTS-1)V)
1.0
mA
RXD Output Current (sinking)
(Vol=o.5v)
1.0
mA
Zener Diode Voltage (Iz=4mA)
5.0
5.2
5.4
V
6.AC ELECTRICAL CHARACTERISTICS
PARANRTER
MIN
TYP
MAX
UNIT
Oscillator Frequency
32.768
KHz
BR/BL/BM/Z1/Z2 Button
Debounce Time
32
ms
RXD Transmission Rate(Intelli)
1215
Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com