Electronic Components Datasheet Search
  English  ▼

X  

LIBRA Datasheet(PDF) 4 Page - Coherent Corp

Part # LIBRA
Description  One-Box, Ultra-Stable, kHz Repetition- Rate, Ti:Sapphire Amplifier System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LIBRA Datasheet(HTML) 4 Page - Coherent Corp

  LIBRA Datasheet HTML 1Page - Coherent Corp LIBRA Datasheet HTML 2Page - Coherent Corp LIBRA Datasheet HTML 3Page - Coherent Corp LIBRA Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Coherent follows a policy of continuous product improvement. Specifications are subject to change without notice. Coherent’s scientific and industrial lasers are certified to comply with the Federal Regulations
(21 CFR Subchapter J) as administered by the Center for Devices and Radiological Health on all systems ordered for shipment after August 2, 1976.
Coherent offers a limited warranty for all Libra Amplifiers. For full details of this warranty coverage, please refer to the Service section at www.Coherent.com or contact your local Sales or Service Representative.
MC-004-09-0M0218Rev.D Copyright ©2018 Coherent, Inc.
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@Coherent.com
www.coherent.com
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IV LASER RADIATION PRODUCT
PER EN60825-1 (1994)
λ
0.52-0.53 µm
0.79-0.82 µm
1.05-1.06 µm
MAX. POWER
1.0 W
1.0 W
10.0 W
MAX. PULSE
1 mJ/10 ns
1 mJ/10 ns
2 mJ/10 ns
ISO 9001 Registered
Libra-HE
809.8 mm
(31.88 in.)
762.0 mm
(30.0 in.)
1219.2 mm
(48.0 in.)
159.1 mm
(6.26 in.)
139.7 mm
(5.5 in.)
159.0 mm
(6.26 in.)
1255.7 mm
(49.44 in.)
261.9 mm
(10.31 in.)
597.9 mm
(23.54 in.)
179.2 mm
(7.06 in.)
Opt. Output
Output
Opt. Seed
Output
72.2 mm
(2.84 in.)
MECHANICAL SPECIFICATIONS
Libra Datasheet
Right Side View
Left Side View
Front View
Top View
Rear View
Rear View
Vitara-S seeded Libra
Libra



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com