Electronic Components Datasheet Search
  English  ▼

X  

LIBRA Datasheet(PDF) 1 Page - Coherent Corp

Part # LIBRA
Description  One-Box, Ultra-Stable, kHz Repetition- Rate, Ti:Sapphire Amplifier System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LIBRA Datasheet(HTML) 1 Page - Coherent Corp

  LIBRA Datasheet HTML 1Page - Coherent Corp LIBRA Datasheet HTML 2Page - Coherent Corp LIBRA Datasheet HTML 3Page - Coherent Corp LIBRA Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Libra
One-Box, Ultra-Stable, kHz Repetition-
Rate, Ti:Sapphire Amplifier System
Configured in a one-box, ruggedized, ultra-stable, compact platform,
Libra features high performance comparable to advanced multi-box
systems. The compelling, customer-value advantage and market success
of Libra are enabled by key design innovations throughout and the Libra
concept has proven itself in a wide range of scientific applications and
demanding industrial settings.
All Libra models are seeded by the Vitara-S oscillator, our hands-free,
wide bandwidth oscillator. The design integrates Coherent’s newest
HASS verified Revolution pump laser with the E-2 Engine module –
Coherent’s thermally stabilized, high efficiency, regenerative amplifier
platform that includes a unique, Ti:Sapphire rod geometry enabling
simple, water-only cooling on all Libra models. Finally, a compact,
stretcher and compressor support high power, short pulses with
unsurpassed beam quality and stability.
FEATURES & BENEFITS
• One-box, compact, computer-controlled
system contains integrated Vitara seed
laser, Revolution pump laser, regenerative
amplifier, stretcher and compressor
• E-2 Engine - high performance, high
reliability, regenerative amplifier module
providing the highest energy and
efficiency with (M2 <1.3)
• Unique Ti:S slab-rod geometry for
enhanced thermal management,
enabling water-only cooling
• Thermally-stabilized amplifier platform
for long term stability
• Pulse energy to >5.0 mJ at 800 nm
• <40 fs, <50 fs, or <100 fs and 1, 5,
or 10 kHz models
• Stability <0.5% rms
OPTIONS & ACCESSORIES
• Harmonic Generators
• Optical Parametric Amplifiers


Similar Part No. - LIBRA

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
Pb-Free Reflow
More results

Similar Description - LIBRA

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
195Kb / 4P
ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
MSK739B MSK-MSK739B Datasheet
300Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
96 kHz 24bit Sample Rate Converter
logo
List of Unclassifed Man...
4033 ETC2-4033 Datasheet
279Kb / 3P
Repetition rate of 0.1 Hz to 50 MHz
logo
Burland Technology Solu...
2003A BURLAND-2003A Datasheet
285Kb / 1P
Floor box system: 2003A
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
2004B BURLAND-2004B Datasheet
329Kb / 1P
Floor box system: 2004B
2008Q BURLAND-2008Q Datasheet
646Kb / 1P
Floor box system: 2008Q
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com