Electronic Components Datasheet Search
  English  ▼

X  

3267 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3267
Description  Teensy 3.5 without headers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3267 Datasheet(HTML) 2 Page - Adafruit Industries

  3267 Datasheet HTML 1Page - Adafruit Industries 3267 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Please note: Teensy 3 boards are not official Arduino-brand products. Although the Teensyduino IDE
has been adapted so that many Arduino projects will work with the Teensy, there will still be a lot of
libraries and shields that may not work with this device! If you're new to microcontrollers, we suggest
going with a classic Arduino UNO since all Arduino projects, examples and libraries will work with it.
More Specifications, Details & Features:
o
62 I/O Pins (42 breadboard friendly)
o
25 Analog Inputs to 2 ADCs with 13 bits resolution
o
2 Analog Outputs (DACs) with 12 bit resolution
o
20 PWM Outputs (Teensy 3.6 has 22 PWM)
o
USB Full Speed (12 Mbit/sec) Port
o
Ethernet mac, capable of full 100 Mbit/sec speed
o
Native (4 bit SDIO) micro SD card port
o
I2S Audio Port, 4 Channel Digital Audio Input & Output
o
14 Hardware Timers
o
Cryptographic Acceleration Unit
o
Random Number Generator
o
CRC Computation Unit
o
6 Serial Ports (2 with FIFO & Fast Baud Rates)
o
3 SPI Ports (1 with FIFO)
o
3 I2C Ports (Teensy 3.6 has a 4th I2C port)
o
Real Time Clock
Technical Details
Product Dimensions: 62.3mm x 18.0mm x 4.2mm / 2.5" x 0.7" x 0.2"
Product Weight: 4.8g / 0.2oz
o
Diagram (front) https://cdn-shop.adafruit.com/product-files/3267/3267_front.pdf
o
Diagram (back) https://cdn-shop.adafruit.com/product-files/3267/3267_back.pdf
                               Engineered in NYC Adafruit ® https://www.adafruit.com/product/3267 6‐28‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com