Electronic Components Datasheet Search
  English  ▼

X  

3352 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3352
Description  Pimoroni Automation pHAT for Raspberry Pi Zero
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3352 Datasheet(HTML) 1 Page - Adafruit Industries

  3352 Datasheet HTML 1Page - Adafruit Industries 3352 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pimoroni Automation pHAT for Raspberry
Pi Zero
PRODUCT ID: 3352
 
Description
Do you need a solution for home automation, hydroponics, light industrial automation, and other related
predicaments? Pimoroni's Automation pHAT – the little sibling of the Automation HAT – is the most
compact way to take control of and monitor your world!
Pimoroni has pulled together a great set of features into this home monitoring and automation controller.
With a relay, analog channels, powered outputs, and buffered inputs (all 24V tolerant) you can now hook
up a plethora of goodies to your Raspberry Pi all at once. Ideal for smart home and automation projects,
giving your greenhouse intelligent sprinklers, or scheduling your fish feeding!
Compatible with all versions of Raspberry Pi that have the 40-pin GPIO header (3, 2, B+, A+, Zero),
but makes a perfect compact package when used with the Pi Zero!


Similar Part No. - 3352

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352 Datasheet
93Kb / 1P
3/8 Round Trimming Potentiometer
logo
Pomona Electronics
3352 POMONA-3352 Datasheet
65Kb / 2P
PJ-051 (WE310) Phone Plug To Alligator Clips
logo
List of Unclassifed Man...
3352 ETC2-3352 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3352 ETC2-3352 Datasheet
68Kb / 1P
WASHERS
3352 ETC-3352 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
More results

Similar Description - 3352

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com