Electronic Components Datasheet Search
  English  ▼

X  

3352 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3352
Description  Pimoroni Automation pHAT for Raspberry Pi Zero
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3352 Datasheet(HTML) 2 Page - Adafruit Industries

  3352 Datasheet HTML 1Page - Adafruit Industries 3352 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
o
1 x 24V @ 2A relay (NC and NO terminals)
o
3 x 12-bit ADC @ 0-24V
o
3 x 24V tolerant buffered inputs
o
3 x 24V tolerant sinking outputs
o
3.5mm screw terminals
o
SPI pins broken out
o
Compatible with Raspberry Pi 3, 2, B+, A+, and Zero
o
Python library
o
Female header and broken out pins require soldering
Technical Details
Software
Pimoroni has made a super-simple to use Python library to take advantage of Automation pHAT's
multitudinous functions, with examples to get you started. In fact, Automation pHAT uses the same library
as Automation HAT, and it uses the presence (or absence) of the SN3218 LED driver chip to autodetect
which board (HAT or pHAT) is being used. Nifty!
Their input, output and relay examples show you how to read the analog and digital inputs, switch the
outputs on and off, and control the relay.
Notes
o
Loads for the buffered outputs should be switched on the ground side, i.e. 12/24V (from supply) -
> load -> output terminal -> ground (from supply)
o
The relay can tolerate up to 2A each and should be switched on the high side
Unassembled board dimensions: 65.0mm x 30.0mm x 10.0mm / 2.6" x 1.2" x 0.4"
Unassembled board weight: 8.8g / 0.3oz
For product support, replacement parts and warranty for Pimoroni products visit the Pimoroni forum or
contact Pimoroni directly.
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/3352 4‐12‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com