Electronic Components Datasheet Search
  English  ▼

X  

TLC5540IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC5540IPWR
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5540IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5540IPWR Datasheet HTML 3Page - Texas Instruments TLC5540IPWR Datasheet HTML 4Page - Texas Instruments TLC5540IPWR Datasheet HTML 5Page - Texas Instruments TLC5540IPWR Datasheet HTML 6Page - Texas Instruments TLC5540IPWR Datasheet HTML 7Page - Texas Instruments TLC5540IPWR Datasheet HTML 8Page - Texas Instruments TLC5540IPWR Datasheet HTML 9Page - Texas Instruments TLC5540IPWR Datasheet HTML 10Page - Texas Instruments TLC5540IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
N
N+ 1
N+ 2
N+ 3
N+ 4
N−3
N −2
N−1
N
N+ 1
tpd
CLK (Clock)
ANALOG IN
(Input Signal)
D1 −D8
(Output Data)
tw(H)
tw(L)
Figure 1. I/O Timing Diagram
tPZH
OE
Data Output
tPHZ
Active
Active
Hi-Z
Reference Level
(2.5 V)
VOH (4.5 V typical)
VOL (0.4 V typical)
tPZL
tPLZ
Figure 2. I/O Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com