Electronic Components Datasheet Search
  English  ▼

X  

TLC5540IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC5540IPWR
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5540IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5540IPWR Datasheet HTML 5Page - Texas Instruments TLC5540IPWR Datasheet HTML 6Page - Texas Instruments TLC5540IPWR Datasheet HTML 7Page - Texas Instruments TLC5540IPWR Datasheet HTML 8Page - Texas Instruments TLC5540IPWR Datasheet HTML 9Page - Texas Instruments TLC5540IPWR Datasheet HTML 10Page - Texas Instruments TLC5540IPWR Datasheet HTML 11Page - Texas Instruments TLC5540IPWR Datasheet HTML 12Page - Texas Instruments TLC5540IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 7
−1
−0.2
−0.4
−0.6
−0.8
0
40
80
120
160
200
240
0
0.8
0.6
0.4
0.2
1
DIFFERENTIAL NONLINEARITY
VI = Vramp = 0.6 V − 2.6 V, 500 Hz
VRT = 2.6 V, VRB = 0.6 V, VDD = 5 V
fs = 40 MHz
TA = 25°C
Digital Output Code
Figure 8
7
6.5
6
7.5
EFFECTIVE NUMBER OF BITS
vs
AMBIENT TEMPERATURE
8
−40
0
20
40
60
TA − Ambient Temperature − °C
−20
80
100
VDD = 5 V, VI = 1 V(PP), 3 MHz Sine Wave
VRT = 2.6 V, VRB = 0.6 V, fs = 20 MHz
Figure 9
−1
−0.2
−0.4
−0.6
−0.8
0
40
80
120
160
200
240
0
0.8
0.6
0.4
0.2
1
Digital Output Code
INTEGRAL NONLINEARITY
VI = Vramp = 0.6 V − 2.6 V, 500 Hz
VRT = 2.6 V, VRB = 0.6 V, VDD = 5 V
fs = 40 MHz, TA = 25°C
Figure 10
−100
f − Frequency − MHz
−60
−70
−80
−90
01
23
4
5
6
7
8
910
FFT SPECTRUM
VI = 2 V(PP), 1 MHz Sine Wave
VRT = 2.6 V, VRB = 0.6 V
fs = 20 MHz, TA = 25°C
−50
−10
−20
−30
−40
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com