Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960 Datasheet(HTML) 2 Page - Texas Instruments

  TLC5960 Datasheet HTML 1Page - Texas Instruments TLC5960 Datasheet HTML 2Page - Texas Instruments TLC5960 Datasheet HTML 3Page - Texas Instruments TLC5960 Datasheet HTML 4Page - Texas Instruments TLC5960 Datasheet HTML 5Page - Texas Instruments TLC5960 Datasheet HTML 6Page - Texas Instruments TLC5960 Datasheet HTML 7Page - Texas Instruments TLC5960 Datasheet HTML 8Page - Texas Instruments TLC5960 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
ORDERING NUMBER
TLC5960
TSSOP-38
DA
TLC5960DA
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
MIN
MAX
UNIT
VIN, CTRL2, CTRL4
–0.3
30
V
S1 to S8, D1 to D8
–0.3
38
V
Voltage(2)
EN, CTRL1, CTRL3, VADJ, VREG5, G1 to G8, XFLT, HVM1 to
–0.3
6.0
V
HVM4
Operating virtual junction, TJ
–40
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human Body Model (HBM, JESD22-A114)
2
kV
Electrostatic Discharge Rating(3)
Charged Device Model (CDM. JESD22-C101)
1000
V
Machine Model (MM)
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TLC5960
THERMAL METRIC(1)
DA
UNITS
38 PINS
qJA
Junction-to-ambient thermal resistance
71.2
qJCtop
Junction-to-case (top) thermal resistance
21.8
qJB
Junction-to-board thermal resistance
43.6
°C/W
yJT
Junction-to-top characterization parameter
0.5
yJB
Junction-to-board characterization parameter
38.7
qJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
DISSIPATION RATINGS
OPERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
TSSOP-38 (DA)
14mW/°C
1404mW
770mW
560mW
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com