Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 7Page - Texas Instruments TLC5960 Datasheet HTML 8Page - Texas Instruments TLC5960 Datasheet HTML 9Page - Texas Instruments TLC5960 Datasheet HTML 10Page - Texas Instruments TLC5960 Datasheet HTML 11Page - Texas Instruments TLC5960 Datasheet HTML 12Page - Texas Instruments TLC5960 Datasheet HTML 13Page - Texas Instruments TLC5960 Datasheet HTML 14Page - Texas Instruments TLC5960 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
40
35
30
25
20
15
10
5
0
0
2.0
3.0
4.0
VIN(V)
7.0
T =+25 C
EN=Low
A
°
I
IN
1.0
5.0
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
14
18
20
26
VIN(V)
28
16
T =+25 C
A
°
V
Gn
12
22
24
16
14
12
10
8
6
4
2
0
T =+25 C
A
°
VIN=24V
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
TYPICAL CHARACTERISTICS (continued)
VIN SUPPLY CURRENT DURING
GATE OUTPUT VOLTAGE LINE REGULATION
SHUTDOWN MODE (VIN < VPOR)
Figure 11.
Figure 12.
VIN SUPPLY CURRENT WHEN CHANNELS ARE ENABLED
Figure 13.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com