Electronic Components Datasheet Search
  English  ▼

X  

TLC7628CDW Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC7628CDW
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC7628CDW Datasheet(HTML) 2 Page - Texas Instruments

  TLC7628CDW Datasheet HTML 1Page - Texas Instruments TLC7628CDW Datasheet HTML 2Page - Texas Instruments TLC7628CDW Datasheet HTML 3Page - Texas Instruments TLC7628CDW Datasheet HTML 4Page - Texas Instruments TLC7628CDW Datasheet HTML 5Page - Texas Instruments TLC7628CDW Datasheet HTML 6Page - Texas Instruments TLC7628CDW Datasheet HTML 7Page - Texas Instruments TLC7628CDW Datasheet HTML 8Page - Texas Instruments TLC7628CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLC7628C
DUAL 8BIT MULTIPLYING
SLAS063B − APRIL 1989 − REVISED MARCH 2007
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
DACA/DACB
REFB
18
OUTB
20
RFBB
19
AGND
1
OUTA
2
RFBA
3
REFA
4
DACA
Input
Buffer
Logic
Control
DACB
DB0
DB7
CS
WR
15
16
6
Data
Inputs
7
8
9
10
11
12
13
14
8
8
8
8
Latch A
Latch B
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VDD (to AGND or DGND)
−0.3 V to 17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage between AGND and DGND
VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (to DGND)
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage range, VrefA or VrefB (to AGND)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Feedback voltage range, VRFBA or VRFBB (to AGND)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VOA or VOB (to AGND)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current
10
µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC7628C
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC: FN package
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW or N package
+260
°C
. . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com