Electronic Components Datasheet Search
  English  ▼

X  

TLC7628CDW Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC7628CDW
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC7628CDW Datasheet(HTML) 4 Page - Texas Instruments

  TLC7628CDW Datasheet HTML 1Page - Texas Instruments TLC7628CDW Datasheet HTML 2Page - Texas Instruments TLC7628CDW Datasheet HTML 3Page - Texas Instruments TLC7628CDW Datasheet HTML 4Page - Texas Instruments TLC7628CDW Datasheet HTML 5Page - Texas Instruments TLC7628CDW Datasheet HTML 6Page - Texas Instruments TLC7628CDW Datasheet HTML 7Page - Texas Instruments TLC7628CDW Datasheet HTML 8Page - Texas Instruments TLC7628CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLC7628C
DUAL 8BIT MULTIPLYING
SLAS063B − APRIL 1989 − REVISED MARCH 2007
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended ranges of operating free-air temperature and VDD,
VrefA = VrefB = 10 V, VOA and VOB at 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Linearity error
±1/2
LSB
Settling time (to 1/2 LSB)
See Note 1
100
ns
Gain error
See Note 2
Full range
±3
LSB
Gain error
See Note 2
25
°C
±2
LSB
AC feedthrough
REFA to OUTA
See Note 3
Full range
−65
dB
AC feedthrough
REFB to OUTB
See Note 3
25
°C
−75
dB
Temperature coefficient of gain
±0.0035 %FSR/°C
Propagation delay (from digital input to
90% of final analog output current)
See Note 4
80
ns
Channel-to-channel
REFA to OUTB
See Note 5
25
°C
80
dB
Channel-to-channel
isolation
REFB to OUTA
See Note 6
25
°C
80
dB
Digital-to-analog glitch impulse area
Measured for code transition from 00000000 to 11111111,
TA = 25°C
330
nV
•s
Digital crosstalk
Measured for code transition from 00000000 to 11111111,
TA = 25°C
60
nV
•s
Harmonic distortion
Vi = 6 V, f = 1 kHz, TA = 25°C
−85
dB
NOTES:
1. OUTA, OUTB load = 100
Ω, Cext = 13 pF; WR and CS at 0 V; DB0−DB7 at 0 V to VDD or VDD to 0 V.
2. Gain error is measured using an internal feedback resistor. Nominal full scale range (FSR) = Vref − 1 LSB. Both DAC latches are
loaded with 11111111.
3. Vref = 20 V peak-to-peak, 10-kHz sine wave
4. VrefA = VrefB = 10 V; OUTA/OUTB load = 100 Ω, Cext = 13 pF; WR and CS at 0 V; DB0−DB7 at 0 V to VDD or VDD to 0 V.
5. VrefA = 20 V peak-to-peak, 10-kHz sine wave; VrefB = 0
6. VrefB = 20 V peak-to-peak, 10-kHz sine wave; VrefA = 0
th(DAC)
th(CS)
tsu(CS)
tsu(DAC)
tw(WR)
th(D)
tsu(D)
Data In Stable
DB0 − DB7
WR
CS
DACA/DACB
1.3 V
1.3 V
3.5 V
0.3 V
3.5 V
3.5 V
3.5 V
0.3 V
0.3 V
0.3 V
For all input signals, tr = tf = 5 ns (10% to 90% points).
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
Figure 1. Setup and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com