Electronic Components Datasheet Search
  English  ▼

X  

TLV1544CPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # TLV1544CPWR
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1544CPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV1544CPWR Datasheet HTML 26Page - Texas Instruments TLV1544CPWR Datasheet HTML 27Page - Texas Instruments TLV1544CPWR Datasheet HTML 28Page - Texas Instruments TLV1544CPWR Datasheet HTML 29Page - Texas Instruments TLV1544CPWR Datasheet HTML 30Page - Texas Instruments TLV1544CPWR Datasheet HTML 31Page - Texas Instruments TLV1544CPWR Datasheet HTML 32Page - Texas Instruments TLV1544CPWR Datasheet HTML 33Page - Texas Instruments TLV1544CPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATIONS INFORMATION
simplified analog input analysis
Using the equivalent circuit in Figure 33, the time required to charge the analog input capacitance from 0 to VS
within 1/2 LSB can be derived as follows:
The capacitance charging voltage is given by:
where
Rt = Rs + ri
tc = Cycle time
V
C +
V
S
1–e
–tc RtCi
The input impedance Zi is 1 kΩ at 5 V, and is higher (~ 5 kΩ) at 2.7 V. The final voltage to 1/2 LSB is given by:
VC (1/2 LSB) = VS – (VS/2048)
Equating equation 1 to equation 2 and solving for cycle time tc gives:
and time to change to 1/2 LSB (minimum sampling time) is:
tch (1/2 LSB) = Rt × Ci × ln(2048)
V
S *
V
S
2048
+ V
S
1–e
–tc RtCi
where
ln(2048) = 7.625
Therefore, with the values given, the time for the analog input signal to settle is:
tch (1/2 LSB) = (Rs + 1 kΩ) × 55 pF × ln(2048)
This time must be less than the converter sample time shown in the timing diagrams. Which is 6x I/O CLK.
tch (1/2 LSB) ≤ 6x 1/fI/O
Therefore the maximum I/O CLK frequency is:
max(fI/O) = 6/tch (1/2 LSB) = 6/(ln(2048) × Rt × Ci)
(1)
(2)
(3)
(4)
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com