Electronic Components Datasheet Search
  English  ▼

X  

TLV1544CPWR Datasheet(PDF) 37 Page - Texas Instruments

Part # TLV1544CPWR
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1544CPWR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLV1544CPWR Datasheet HTML 30Page - Texas Instruments TLV1544CPWR Datasheet HTML 31Page - Texas Instruments TLV1544CPWR Datasheet HTML 32Page - Texas Instruments TLV1544CPWR Datasheet HTML 33Page - Texas Instruments TLV1544CPWR Datasheet HTML 34Page - Texas Instruments TLV1544CPWR Datasheet HTML 35Page - Texas Instruments TLV1544CPWR Datasheet HTML 36Page - Texas Instruments TLV1544CPWR Datasheet HTML 37Page - Texas Instruments TLV1544CPWR Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9853801Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
TLV1544CD
D
SOIC
16
40
505.46
6.76
3810
4
TLV1544CD.A
D
SOIC
16
40
505.46
6.76
3810
4
TLV1544CPW
PW
TSSOP
16
90
530
10.2
3600
3.5
TLV1544CPW.A
PW
TSSOP
16
90
530
10.2
3600
3.5
TLV1544ID
D
SOIC
16
40
505.46
6.76
3810
4
TLV1544ID.A
D
SOIC
16
40
505.46
6.76
3810
4
TLV1544IPW
PW
TSSOP
16
90
530
10.2
3600
3.5
TLV1544IPW.A
PW
TSSOP
16
90
530
10.2
3600
3.5
TLV1548CDB
DB
SSOP
20
70
530
10.5
4000
4.1
TLV1548CDB.A
DB
SSOP
20
70
530
10.5
4000
4.1
TLV1548IDB
DB
SSOP
20
70
530
10.5
4000
4.1
TLV1548IDB.A
DB
SSOP
20
70
530
10.5
4000
4.1
TLV1548MFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
TLV1548MFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com