Electronic Components Datasheet Search
  English  ▼

X  

TLV2332IP Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV2332IP
Description  LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2332IP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV2332IP Datasheet HTML 14Page - Texas Instruments TLV2332IP Datasheet HTML 15Page - Texas Instruments TLV2332IP Datasheet HTML 16Page - Texas Instruments TLV2332IP Datasheet HTML 17Page - Texas Instruments TLV2332IP Datasheet HTML 18Page - Texas Instruments TLV2332IP Datasheet HTML 19Page - Texas Instruments TLV2332IP Datasheet HTML 20Page - Texas Instruments TLV2332IP Datasheet HTML 21Page - Texas Instruments TLV2332IP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TLV2332, TLV2332Y, TLV2334, TLV2334Y
LinCMOS
™ LOW-VOLTAGE MEDIUM-POWER
OPERATIONAL AMPLIFIERS
SLOS189 – FEBRUARY 1997
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
107
106
105
104
103
102
101
1
0.1
1
10
100
1 k
10 k
100 k
f – Frequency – Hz
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
1 M
60
°
30
°
90
°
–60
°
–30
°
0
°
120
°
150
°
180
°
Phase Shift
AVD
VDD = 3 V
RL = 100 kΩ
CL = 20 pF
TA = 25°C
Figure 21
1
10
100
1 k
10 k
100 k
1 M
107
106
105
104
103
102
101
0.1
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
f – Frequency – Hz
VDD = 5 V
RL = 100 kΩ
CL = 20 pF
TA = 25°C
1
60
°
30
°
90
°
–60
°
–30
°
0
°
120
°
150
°
180
°
Phase Shift
AVD
Figure 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com