Electronic Components Datasheet Search
  English  ▼

X  

TLV2332IP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2332IP
Description  LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2332IP Datasheet(HTML) 2 Page - Texas Instruments

  TLV2332IP Datasheet HTML 1Page - Texas Instruments TLV2332IP Datasheet HTML 2Page - Texas Instruments TLV2332IP Datasheet HTML 3Page - Texas Instruments TLV2332IP Datasheet HTML 4Page - Texas Instruments TLV2332IP Datasheet HTML 5Page - Texas Instruments TLV2332IP Datasheet HTML 6Page - Texas Instruments TLV2332IP Datasheet HTML 7Page - Texas Instruments TLV2332IP Datasheet HTML 8Page - Texas Instruments TLV2332IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TLV2332, TLV2332Y, TLV2334, TLV2334Y
LinCMOS
™ LOW-VOLTAGE MEDIUM-POWER
OPERATIONAL AMPLIFIERS
SLOS189 – FEBRUARY 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
These amplifiers offer a level of ac performance greater than that of many other devices operating at
comparable power levels. The TLV233x operational amplifiers are especially well suited for use in low-current
or battery-powered applications.
Low-voltage and low-power operation has been made possible by using the Texas Instruments silicon-gate
LinCMOS
™ technology. The LinCMOS process also features extremely high input impedance and ultra-low bias
currents making these amplifiers ideal for interfacing to high-impedance sources such as sensor circuits or filter
applications.
To facilitate the design of small portable equipment, the TLV233x is made available in a wide range of package
options, including the small-outline and thin-shrink small-outline package (TSSOP). The TSSOP package has
significantly reduced dimensions compared to a standard surface-mount package. Its maximum height of only
1.1 mm makes it particularly attractive when space is critical.
The device inputs and outputs are designed to withstand –100-mA currents without sustaining latch-up. The
TLV233x incorporates internal ESD-protection circuits that prevents functional failures at voltages up to
2000 V as tested under MIL-STD 883C, Method 3015.2; however, care should be exercised in handling these
devices as exposure to ESD may result in the degradation of the device parametric performance.
TLV2332Y chip information
This chip, when properly assembled, display characteristics similar to the TLV2332. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (4) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
–
1OUT
1IN +
1IN –
VDD
VDD – / GND
(8)
(6)
(3)
(2)
(5)
(1)
–
+
(7)
2IN +
2IN –
2OUT
(4)
59
72
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com