Electronic Components Datasheet Search
  English  ▼

X  

TLV522 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV522
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV522 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV522 Datasheet HTML 5Page - Texas Instruments TLV522 Datasheet HTML 6Page - Texas Instruments TLV522 Datasheet HTML 7Page - Texas Instruments TLV522 Datasheet HTML 8Page - Texas Instruments TLV522 Datasheet HTML 9Page - Texas Instruments TLV522 Datasheet HTML 10Page - Texas Instruments TLV522 Datasheet HTML 11Page - Texas Instruments TLV522 Datasheet HTML 12Page - Texas Instruments TLV522 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
TLV522
www.ti.com
SNOSD27 – MAY 2016
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV522 dual op amplifier is unity-gain stable and can operate on a single supply, making it highly versatile
and easy to use.
The TLV522 is fully specified and tested from 1.7 V to 5.5 V. Parameters that vary significantly with operating
voltages or temperature are shown in the Typical Characteristics curves.
7.2 Functional Block Diagram
7.3 Feature Description
The amplifier's differential inputs consist of a non-inverting input (IN+) and an inverting input (IN–). The device
amplifies only the difference in voltage between the two inputs, which is called the differential input voltage. The
output voltage of the op-amp VOUT is given by Equation 1:
VOUT = AOL (IN
+ – IN–)
(1)
where AOL is the open-loop gain of the amplifier, typically around 100 dB.
7.4 Device Functional Modes
7.4.1 Rail-To-Rail Input
The input common-mode voltage range of the TLV522 extends to the supply rails. This is achieved with a
complementary input stage — an N-channel input differential pair in parallel with a P-channel differential pair.
The N-channel pair is active for input voltages close to the positive rail, typically (V+) – 800 mV to 200 mV above
the positive supply, while the P-channel pair is on for inputs from 300 mV below the negative supply to
approximately (V+) – 800 mV. There is a small transition region, typically (V+) – 1.2 V to (V+) – 0.8 V, in which
both pairs are on. This 400 mV transition region can vary 200 mV with process variation. Within the 400 mV
transition region PSRR, CMRR, offset voltage, offset drift, and THD may be degraded compared to operation
outside this region.
7.4.2 Supply Current Changes Over Common Mode
Because of the ultra-low supply current, changes in common mode voltages will cause a noticeable change in
the supply current as the input stages transition through the transition region, as shown in Figure 22 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com