Electronic Components Datasheet Search
  English  ▼

X  

PM6641TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 5Page - STMicroelectronics PM6641TR Datasheet HTML 6Page - STMicroelectronics PM6641TR Datasheet HTML 7Page - STMicroelectronics PM6641TR Datasheet HTML 8Page - STMicroelectronics PM6641TR Datasheet HTML 9Page - STMicroelectronics PM6641TR Datasheet HTML 10Page - STMicroelectronics PM6641TR Datasheet HTML 11Page - STMicroelectronics PM6641TR Datasheet HTML 12Page - STMicroelectronics PM6641TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
PM6641
Electrical characteristics
9/47
4
Electrical characteristics
TA = 0 °C to 85 °C, AVCC = 5 V, VCC = 5 V , VIN_x = 3.3 V and LDOIN connected to 1.8 V
output if not otherwise specified, Note:
Table 6. Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Supply section all rails
ICC
AVCC+VCC operating current
VVCC = +5 V , all switching
regulators active without load
3mA
ISHDN
Total shutdown current into
VIN_x + AVCC + VCC pins
VIN = VAVCC = VVCC = +5 V,
all EN_x low
10
µA
UVLOth
AVCC under voltage lockout
upper threshold
4.0
4.1
4.35
V
AVCC under voltage lockout
lower threshold
3.6
3.9
4.0
UVLO hysteresis
100
mV
Error amplifier, FB AND SS – all rails
VREF
Error amplifier reference voltage VAVCC = VVCC = 5 V
792
800
808
mV
IFB
FB input bias current
VFB_X = 0.8 V
25
nA
ISS
Soft-start current
VSS_X = 0.4 V
10
µA
Oscillator frequency
fSW
Switching frequency
RSETSWF = 140 kΩ
500
kHz
SET_SWF to VCC
675
750
825
RSETSWF = 70 kΩ
1000
Comp all rails
gm
COMP_x Transconductance
300
µS
UVP/OVP protectionS and PGOOD signal (SMPS only) all rails
OVPth
Overvoltage threshold
116
120
124
%
UVPth
Undervoltage threshold
56
60
64
PGth
Power-good upper threshold
106
110
115
Power-good lower threshold
86
90
94
IPG,LEAK
PG_x Outputs Leakeage
Current
PG_x tied to +5 V
1
uA
VPG,LOW
PG_x Outputs Low Level
VFB_X = 0.6 V or 1V, IPG_X = 2 mA
250
mV
Note:
All parameters at operating temperature extremes are guaranteed by design and statistical
analysis (not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com