Electronic Components Datasheet Search
  English  ▼

X  

PM6641TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 22Page - STMicroelectronics PM6641TR Datasheet HTML 23Page - STMicroelectronics PM6641TR Datasheet HTML 24Page - STMicroelectronics PM6641TR Datasheet HTML 25Page - STMicroelectronics PM6641TR Datasheet HTML 26Page - STMicroelectronics PM6641TR Datasheet HTML 27Page - STMicroelectronics PM6641TR Datasheet HTML 28Page - STMicroelectronics PM6641TR Datasheet HTML 29Page - STMicroelectronics PM6641TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Device description
PM6641
26/47
7.4
SW regulators pulse skipping and PWM mode
In order to enhance the light load efficiency each switching regulator enters the Pulse
Skipping algorithm when the output current sourced is too low. The threshold load current
which allows the regulator to enter the pulse skipping mode can be estimated with the
following formula: (Vi-Vo)/(2Lfsw)*Vo/Vi
Equation 4
When the load current is lower than IOmin value, the switching regulator begins to skip some
cycle, decreasing the effective switching frequency and, as a consequence, reducing the
switching losses. This mode of operation is guaranteed by the presence of the zero crossing
current comparator, the internal block which senses the inductor current and avoids this
current to becoming negative, in the normal operating condition.
The inductor current is allowed to become negative when the output voltage rises above the
+10% power good threshold. In this condition of output soft over voltage the zero crossing
current comparator is deactivated and the pulse skipping algorithm is replaced by the typical
PWM one; as a consequence each switching regulator can sink up to some hundreds
milliamps to decrease the output voltage to the nominal value.
Figure 29. SW regulators pulse skipping and PWM mode
Iomin
V
I
V
O
–
()
2Lf
SW
()
------------------------
≈
V
O
V
I
-------
⋅
a) Pulse Skipping Mode
b) PWM Mode
Vout
I
L
Vout
I
L
Clock
Clock
a) Pulse Skipping Mode
b) PWM Mode
Vout
I
L
Vout
I
L
Clock
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com