Electronic Components Datasheet Search
  English  ▼

X  

SLWS115 Datasheet(PDF) 15 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 11Page - Texas Instruments SLWS115 Datasheet HTML 12Page - Texas Instruments SLWS115 Datasheet HTML 13Page - Texas Instruments SLWS115 Datasheet HTML 14Page - Texas Instruments SLWS115 Datasheet HTML 15Page - Texas Instruments SLWS115 Datasheet HTML 16Page - Texas Instruments SLWS115 Datasheet HTML 17Page - Texas Instruments SLWS115 Datasheet HTML 18Page - Texas Instruments SLWS115 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
3–3
3.3.1
MIC Input
TLV320AIC15 supports single-ended microphone input. This can be used by connecting the external single-ended
source through ac-coupling to the MICIN pin. This channel is selected by writing 01 or 10 into bits D2–D1 in control
register 6. The single ended input is supported in two modes.
Writing 01 into bits D2–D1 chooses self biased MICIN mode. In this mode the device internally self-biases the input
at 1.35 V. For best noise performance the user must bias the microphone circuit using the BIAS voltage generated
by the device as shown in Figure 5–19.
Writing 10 into bits D2–D1 chooses pseudodifferential MICIN mode. In this mode the single-ended input is connected
through ac-coupling to MICIN and the bias voltage used to generate the signal is also ac-coupled to INM1 as shown
in Figure 5–20. For best noise performance the MICIN and INM1 lines are routed in similar fashion from the
microphone to the device for noise cancellation.
For high quality performance the single-ended signal is converted internally into differential signal before being
converted. To improve the dynamic range with different types of microphones the device supports a pre-amplifier with
gain settings of 0/6/12/24 dB. This can be chosen by writing into bits D1–D0 of control register 5C.
TLV320AIC15
TLV320AIC15
BIAS
MICIN
10 k
Ω
0.1
µF
Electret
Microphone
BIAS
MICIN
INM1
0.1
µF
10 k
Ω
0.1
µF
Electret
Microphone
(a) Single Ended
(b) Pseudo -Differential (High Quality)
Figure 3–1. Microphone Interface
3.3.2
INP and INM Input
To produce common-mode rejection of unwanted signal performance, the analog signal is processed differentially
until it is converted to digital data. The signal applied to the terminals INM1/2 and INP1/2 are differential to preserve
device specifications (see Figure 3–2). The signal source driving analog inputs (INP1/2 and INM1/2) should have low
source impedance for lowest noise performance and accuracy. To obtain maximum dynamic range, the signal should
be ac-coupled to the input terminal.
INP1 or INP2
INM1 or INM2
1.35 V
TLV320AIC15
V(INP)
V(INM)
Figure 3–2. INP and INM Internal Self-Biased Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com