Electronic Components Datasheet Search
  English  ▼

X  

SLWS115 Datasheet(PDF) 38 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 38 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 34Page - Texas Instruments SLWS115 Datasheet HTML 35Page - Texas Instruments SLWS115 Datasheet HTML 36Page - Texas Instruments SLWS115 Datasheet HTML 37Page - Texas Instruments SLWS115 Datasheet HTML 38Page - Texas Instruments SLWS115 Datasheet HTML 39Page - Texas Instruments SLWS115 Datasheet HTML 40Page - Texas Instruments SLWS115 Datasheet HTML 41Page - Texas Instruments SLWS115 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
5–2
5.3
Electrical Characteristics Over Recommended Operating Free-Air Temperature
Range, AVDD = 3.3 V, DVDD = 1.8 V, IOVDD = 1.1 V (Unless Otherwise Noted)
5.3.1
Digital Inputs and Outputs, fs = 8 kHz, Outputs Not Loaded
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, any digital output
0.8
IOVDD
V
VOL
Low-level output voltage, any digital output
0.1
IOVDD
V
IIH
High-level input current, any digital input
0.5
µA
IIL
Low-level input current, any digital input
0.5
µA
Ci
Input capacitance
3
pF
Co
Output capacitance
5
pF
5.4
ADC Path Digital Filter, fs = 8 kHz (see Note 2)
5.4.1
FIR Filter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
–0.5
0.2
300 Hz to 3 kHz
–0.5
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
–0.5
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
–3
dB
4 kHz
–35
≥4.4 kHz
–74
NOTE 2: Filter gain outside the passband is measured with respect to gain at 1020 Hz. The analog input test signal is a sinewave with
0 dB = 4 VI(PP) as the reference level for the analog input signal. The bandpass is 0 to 3600 Hz for an 8-kHz sample rate. This bandpass
scales linearly with the sample rate.
5.4.2
IIR Filter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
–0.5
0.2
300 Hz to 3 kHz
–0.5
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
–0.5
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
–3
dB
4 kHz
–20
≥4.4 kHz
–60
NOTE 2: Filter gain outside the passband is measured with respect to gain at 1020 Hz. The analog input test signal is a sinewave with
0 dB = 4 VI(PP) as the reference level for the analog input signal. The bandpass is 0 to 3600 Hz for an 8-kHz sample rate. This bandpass
scales linearly with the sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com