Electronic Components Datasheet Search
  English  ▼

X  

WRM Datasheet(PDF) 1 Page - TT Electronics.

Part # WRM
Description  MELF Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WRM Datasheet(HTML) 1 Page - TT Electronics.

  WRM Datasheet HTML 1Page - TT Electronics. WRM Datasheet HTML 2Page - TT Electronics. WRM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MELF Resistors
WRM Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
01.25
Electrical Data
Features:
•
AEC-Q200 qualified
•
High reliability
•
Defined pulse handling capability
•
Tolerances down to 0.1%
•
TCR down to 5ppm/°C
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Physical Data
Construction
A metal film is deposited onto a high dissipation ceramic former to which tin plated terminating caps are fitted. The resistor is adjusted to
value by a helical cut in the film and the body is protected by a lacquer coating.
Marking
Resistance values are colour coded with four bands, three indicating value and one indicating the multiplier. (Note this describes standard
marking, but certain values may be supplied with the addition of a tolerance band following the multiplier.)
Terminations
Material
Plated steel cap
Solderability
The pure tin finish produces ageing free contacts on which low melting solders can be used. Dipped area shall be
covered with a smooth and bright solder coating after 3 seconds immersion at 215°C.
Solvent Resistance
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuit boards.


Similar Part No. - WRM

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WRM WELWYN-WRM Datasheet
705Kb / 3P
Mini Melf Resistors
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
15W AC/DC Triple Output
WRM-FWX ETA-USA-WRM-FWX Datasheet
947Kb / 4P
15 WATT AC-DC CONVERTER
WRM-FWX-O ETA-USA-WRM-FWX-O Datasheet
777Kb / 3P
15W AC/DC Dual Output
logo
TT Electronics.
WRM-HP TTELEC-WRM-HP Datasheet
803Kb / 3P
High Power MELF Resistors
01.25
More results

Similar Description - WRM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
Professional MELF Resistors
18-Jul-06
logo
Welwyn Components Limit...
WRM WELWYN-WRM Datasheet
705Kb / 3P
Mini Melf Resistors
logo
Vishay Siliconix
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
MELF Resistors
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com