Electronic Components Datasheet Search
  English  ▼

X  

WRM Datasheet(PDF) 3 Page - TT Electronics.

Part # WRM
Description  MELF Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WRM Datasheet(HTML) 3 Page - TT Electronics.

  WRM Datasheet HTML 1Page - TT Electronics. WRM Datasheet HTML 2Page - TT Electronics. WRM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MELF Resistors
WRM Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
01.25
Pulse & Surge Performance
Single Pulse (mean power << rated power)
Continuous Pulses (mean power = rated power)
1.2/50µs Lightning Surge
10/700µs Lightning Surge
Ordering Procedure
Examples: WRM0204C-1K0FI (0204, 50ppm/°C, 1 kilohm ±1%, Pb-free)
WRM0207-R000T2 (0207, zero-ohm jumper, Pb-free)
Packaging
WRM0102 and WRM0204 resistors are supplied in 8mm plastic tape on 7” reels. WRM0207 resistors are supplied in 12mm plastic tape on
7” reels. Packing complies with the requirements of IEC286-3.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com