Electronic Components Datasheet Search
  English  ▼

X  

XC9505 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9505
Description  2 ch.Step-Down / Inverting DC/DC Controller ICs.
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9505 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9505 Datasheet HTML 15Page - Torex Semiconductor XC9505 Datasheet HTML 16Page - Torex Semiconductor XC9505 Datasheet HTML 17Page - Torex Semiconductor XC9505 Datasheet HTML 18Page - Torex Semiconductor XC9505 Datasheet HTML 19Page - Torex Semiconductor XC9505 Datasheet HTML 20Page - Torex Semiconductor XC9505 Datasheet HTML 21Page - Torex Semiconductor XC9505 Datasheet HTML 22Page - Torex Semiconductor XC9505 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
19/50
XC9505
Series
(2) Efficiency vs. Output Current (Continued)
< 1 ch Step-Down DC/DC Controller > (Continued)
FOSC=300kHz, VOUT1=1.8V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1 IOUT1 (mA)
L1=22μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP162A12A6P
3.3V
VIN= 2.7V
4.2V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT1=1.8V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1 IOUT1 (mA)
L1=22μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP162A12A6P
6.0V
VIN=5.0V
8.0V
10V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT1=2.5V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1 IOUT1 (mA)
L1=22μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP162A12A6P
4.2V
VIN=2.7V
3.3V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT1=2.5V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1 IOUT1 (mA)
L1=22μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP162A12A6P
8.0V
VIN=5.0V
10V
6.0V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT1=3.3V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1 IOUT1 (mA)
L1=22μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP162A12A6P
5.0V
VIN=4.2V
6.0V
10V
8.0V
PWM/PFM Switching Control
PWM Control
* When setting VOUT1=1.0V, VIN=8.0V or 10.0V,
CL=94μF (Tantalum) + 100μF (OS Capacitor)
FOSC=300kHz, VOUT1=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1 IOUT1 (mA)
L1=22μH(CDRH5D28), CL1=94μF(Tantalum)
SD1:CMS02, Tr1:XP162A12A6P
8.0V
VIN=6.0V
10V
PWM/PFM Switching Control
PWM Control
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com