Electronic Components Datasheet Search
  English  ▼

X  

XC9505 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9505
Description  2 ch.Step-Down / Inverting DC/DC Controller ICs.
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9505 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9505 Datasheet HTML 1Page - Torex Semiconductor XC9505 Datasheet HTML 2Page - Torex Semiconductor XC9505 Datasheet HTML 3Page - Torex Semiconductor XC9505 Datasheet HTML 4Page - Torex Semiconductor XC9505 Datasheet HTML 5Page - Torex Semiconductor XC9505 Datasheet HTML 6Page - Torex Semiconductor XC9505 Datasheet HTML 7Page - Torex Semiconductor XC9505 Datasheet HTML 8Page - Torex Semiconductor XC9505 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3/50
XC9505
Series
PARAMETER
SYMBOL
RATINGS
UNITS
VDD Pin Voltage
VDD
- 0.3 ~ 12.0
V
FB1, 2 Pin Voltage
VFB
- 0.3 ~ 12.0
V
EN1, 2 Pin Voltage
VEN
- 0.3 ~ 12.0
V
PWM1, 2 Pin Voltage
VPWM
- 0.3 ~ 12.0
V
EXT1, 2 Pin Voltage
VEXT
- 0.3 ~ VDD + 0.3
V
EXT1, 2 Pin Current
IEXT
± 100
mA
MSOP-10
150
Power Dissipation
USP-10
Pd
150
mW
Operating Temperature Range
Topr
- 40 ~ + 85
℃
Storage Temperature Range
Tstg
- 55 ~ + 125
℃
■
BLOCK DIAGRAM
■
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PW M1
FB1
VDD
EXT1
+
-
PW M/PFM
Controller1
Vref2=0.9V,
-
+
PWM/PFM
Controller2
FB2
GND
EXT2/
OSC
Generator
Ramp W ave
Gene rator1
Ramp Wave
Gene rator2
Error Amp2
Error Amp1
PWM
Comparator2
PWM
Comparator1
CE1
PWM2
CE2
Vref1=0.9V
with Soft Start1,
to
internal circuit
to
internal circuit
EN1
EN1
EN2
EN2
EN1
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com