Electronic Components Datasheet Search
  English  ▼

X  

3577 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3577
Description  Pimoroni Pico HAT Hacker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3577 Datasheet(HTML) 1 Page - Adafruit Industries

  3577 Datasheet HTML 1Page - Adafruit Industries 3577 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pimoroni Pico HAT Hacker
PRODUCT ID: 3577  
 
 
Description
Pimoroni's Pico HAT Hacker gives you full access to all 40 pins on your Pi, broken out at the top. It's a 
super‐skinny 0.8mm PCB, so you can solder it right onto the pins on your Pi and still have enough 
height on a standard header to fit a HAT or pHAT on top. 
There are handy labels for all of the pins, with BCM pin numbering on one side, and more descriptive 
labels on the other to show where the I2C, UART, SPI, PWM, and I2S pins are. You can solder the Pico 
HAT Hacker either way up, depending on which set of labels you find more useful. 


Similar Part No. - 3577

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3577 ETC2-3577 Datasheet
113Kb / 1P
STANDARD AUTOMOTIVE BLADE FUSE CLIPS , HOLDERS
logo
Keystone Electronics Co...
3577 KEYSTONE-3577 Datasheet
1Mb / 4P
“AUTO” FUSE CLIPS & HOLDERS
31-07 20th
3577 KEYSTONE-3577 Datasheet
694Kb / 1P
FEMALE PC QUICK-FIT TERMINALS
31-07 20th
logo
List of Unclassifed Man...
35772-0 ETC2-35772-0 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
35773-0 ETC2-35773-0 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
More results

Similar Description - 3577

ManufacturerPart #DatasheetDescription
logo
LEM
HAT500-S LEM-HAT500-S Datasheet
256Kb / 2P
Current Transducer HAT 500~1500-S
logo
Xilinx, Inc
DS300 XILINX-DS300 Datasheet
1Mb / 21P
Supported on Windows and Red Hat Enterprise Linux
logo
SparkFun Electronics
DEV-14037 SPARKFUN-DEV-14037 Datasheet
126Kb / 1P
Pimoroni Unicorn HAT
DEV-14038 SPARKFUN-DEV-14038 Datasheet
107Kb / 1P
Pimoroni Blinkt!
DEV-14039 SPARKFUN-DEV-14039 Datasheet
92Kb / 1P
Pimoroni Explorer HAT Pro
DEV-14040 SPARKFUN-DEV-14040 Datasheet
117Kb / 1P
Pimoroni Display?륮?륳ron HAT
logo
New Jersey Semi-Conduct...
1N2076A NJSEMI-1N2076A Datasheet
83Kb / 1P
TOP HAT
logo
Tripp Lite. All Rights ...
SRDINRAIL2U TRIPPLITE-SRDINRAIL2U Datasheet
169Kb / 2P
Adjustable Rack-Mount DIN Rail Kit ??Top Hat, Mini Top Hat and G-Style Rails
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com