Electronic Components Datasheet Search
  English  ▼

X  

3577 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3577
Description  Pimoroni Pico HAT Hacker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3577 Datasheet(HTML) 2 Page - Adafruit Industries

  3577 Datasheet HTML 1Page - Adafruit Industries 3577 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features 
o
BCM and descriptive pin labelling 
o
Mounting holes (M2.5) 
o
0.8mm thick PCB 
o
Compatible with Raspberry Pi 3, 2, B+, A+, Zero, and Zero W 
Technical Details
o
You'll need to pick up an extra 40‐pin male header to solder onto Pico HAT Hacker 
o
Be sparing with the solder when soldering Pico HAT Hacker onto the pins of your Pi, 
otherwise the solder will wick up the pins, and you'll find it cumbersome to fit 
HATs/pHATs on top 
o
Dimensions: 65x19x0.8mm (LxWxH)  
For product support, replacement parts and warranty for Pimoroni products visit the Pimoroni forum or 
contact Pimoroni directly. 
Product Weight: 2.1g / 0.1oz  
 
 
 
 
 
 
 
                                                            https://www.adafruit.com/product/3577 9‐15‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com