Electronic Components Datasheet Search
  English  ▼

X  

XC9508 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9508
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9508 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9508 Datasheet HTML 17Page - Torex Semiconductor XC9508 Datasheet HTML 18Page - Torex Semiconductor XC9508 Datasheet HTML 19Page - Torex Semiconductor XC9508 Datasheet HTML 20Page - Torex Semiconductor XC9508 Datasheet HTML 21Page - Torex Semiconductor XC9508 Datasheet HTML 22Page - Torex Semiconductor XC9508 Datasheet HTML 23Page - Torex Semiconductor XC9508 Datasheet HTML 24Page - Torex Semiconductor XC9508 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21/38
XC9508
Series
(10-1) DC/DC Load Transient Response (DCOUT: 1.8V, FOSC: 1.2MHz)
(a) PWM Control
(b) PWM/PFM Automatic Switching Control* (*XC9508C Series Only)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(A) DC/DC CONVERTER (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com