Electronic Components Datasheet Search
  English  ▼

X  

XC9508 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9508
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9508 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9508 Datasheet HTML 1Page - Torex Semiconductor XC9508 Datasheet HTML 2Page - Torex Semiconductor XC9508 Datasheet HTML 3Page - Torex Semiconductor XC9508 Datasheet HTML 4Page - Torex Semiconductor XC9508 Datasheet HTML 5Page - Torex Semiconductor XC9508 Datasheet HTML 6Page - Torex Semiconductor XC9508 Datasheet HTML 7Page - Torex Semiconductor XC9508 Datasheet HTML 8Page - Torex Semiconductor XC9508 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4/38
XC9508 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Current 1
IDD1
VIN=CE=DCOUT=5.0V
-
250
310
μ
A
1
Supply Current 2
IDD2
VIN=CE=5.0V, DCOUT=0V
-
300
360
μ
A
1
Stand-by Current (*1)
ISTB
VIN=6.5V, CE=0V
-
0.5
2.5
μ
A
1
Input Voltage Range
VIN
2.4
-
6.0
V
-
CE ‘H’ Level Voltage
VCEH
0.6
-
VDD
V
3
CE ‘L’ Level Voltage
VCEL
VSS
-
0.25
V
3
CE ‘H’ Level Current
ICEH
- 0.1
-
0.1
μ
A
1
CE ‘L’ Level Current
ICEL
- 0.1
-
0.1
μ
A
1
MODE 'H' Level Voltage*XC9508A
VMH
0.6
-
VDD
V
2
MODE 'H' Level Voltage*XC9508C
VMH
0.6
-
VDD
V
3
MODE 'L' Level Voltage*XC9508A
VML
VSS
-
0.25
V
2
MODE 'L' Level Voltage*XC9508C
VML
VSS
-
0.25
V
3
MODE 'H' Level Current
IMH
- 0.1
-
0.1
μ
A
1
MODE 'L' Level Current
IML
- 0.1
-
0.1
μ
A
1
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Current 1 *XC9508A
IDD_DC1
VIN=CE=DCOUT=5.0V
-
200
280
μ
A
1
Supply Current 2 *XC9508A
IDD_DC2
VIN=CE=5.0V, DCOUT=0V
250
330
μ
A
1
PFM Supply Current 1 * 9508C
IDD_PFM1
VIN=CE=DCOUT=5.0V
250
310
μ
A
1
PFM Supply Current 2 * 9508C
IDD_PFM2
VIN=CE=5.0V, DCOUT=0V
300
360
μ
A
1
Output Voltage
DCOUT(E)
Connected to the external components,
IDOUT=30mA
2.156
2.200
2.244
V
3
Oscillation Frequency
FOSC
Connected to the external components,
IDOUT=10mA
1.02
1.20
1.38
MHz
3
Maximum Duty Ratio
MAXDUTY
DCOUT=0V
100
-
-
%
4
Minimum Duty Ratio
MINDUTY
DCOUT=VIN
-
-
0
%
4
PFM Duty Ratio
PFMDUTY
Connected to the external components,
No load
21
30
38
%
3
U.V.L.O. Voltage (*2)
VUVLO
Connected to the external components
1.00
1.40
1.78
V
3
LX SW ‘High’ ON Resistance (*3)
RLXH
DCOUT=0V, LX=VIN-0.05V
-
0.5
0.9
Ω
5
LX SW ‘Low’ ON Resistance
RLXL
Connected to the external components,
VIN=5.0V
-
0.5
0.9
Ω
3
LX SW ‘High’ Leak Current (*12)
IleakH
VIN=LX=6.0V, CE=0V
-
0.05
1.00
μ
A
11
LX SW ‘Low’ Leak Current (*12)
IleakL
VIN=6.0V, LX=CE=0V
-
0.05
1.00
μ
A
11
Maximum Output Current
Imax1
Connected to the external components
600
-
-
mA
3
Current Limit (*9)
Ilim1
1.0
1.1
-
A
6
Efficiency (*4)
EFFI
Connected to the external components,
IDOUT=100mA
-
90
-
%
3
Output Voltage
IDOUT=30mA
Temperature Characteristics
DCOUT
( ToprDCOUT)
-40℃≦Topr≦85℃
-
±
100
-
ppm/
℃
3
Soft-Start Time
TSS
Connected to the external components,
CE=0V VIN, IDOUT=1mA
2
5
10
ms
3
Latch Time (*5, 10)
Tlat
Connected to the external components,
VIN=CE=5.0V, Short DCOUT by 1Ω resistor
-
8
25
ms
10
■
ELECTRICAL CHARACTERISTICS
XC9508xxxCAx
●
Common Characteristics
Topr=25℃
●
DC/DC Converter (2.2V product)
Topr=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com