Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CD Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV5604CD
Description  2.7-V TO 5.5-V 10-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5604CD Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV5604CD Datasheet HTML 16Page - Texas Instruments TLV5604CD Datasheet HTML 17Page - Texas Instruments TLV5604CD Datasheet HTML 18Page - Texas Instruments TLV5604CD Datasheet HTML 19Page - Texas Instruments TLV5604CD Datasheet HTML 20Page - Texas Instruments TLV5604CD Datasheet HTML 21Page - Texas Instruments TLV5604CD Datasheet HTML 22Page - Texas Instruments TLV5604CD Datasheet HTML 23Page - Texas Instruments TLV5604CD Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TLV5604 interfaced to MCS51 microcontroller
hardware interfacing
Figure 18 shows an example of how to connect the TLV5604 to an MCS51 Microcontroller. The serial DAC
input data and external control signals are sent via I/O Port 3 of the controller. The serial data is sent on the RxD
line, with the serial clock output on the TxD line. Port 3 bits 3, 4, and 5 are configured as outputs to provide the
DAC latch update (LDAC), chip select (CS) and frame sync (FS) signals for the TLV5604. The active low power
down pin (PD) of the TLV5604 is pulled high to ensure that the DACs are enabled.
RxD
TxD
P3.3
P3.4
MCS
®51
SDIN
SCLK
FS
CS
LDAC
REF
VDD
PD
VOUTA
VOUTB
VOUTC
VOUTD
VSS
TLV5604
P3.4
REFINAB
REFINCD
Figure 18. TLV5604 Interfaced with MCS51
software
The example is the same as for the TMS320C203 in this datasheet, but adapted for a MCS
51 controller. It
generates a differential in-phase (sine) signal between the VOUTA and VOUTB pins, and it’s quadrature
(cosine) signal as the differential signal between VOUTC and VOUTD.
The on-chip timer is used to generate interrupts at a fixed frequency. The related interrupt service routine pulses
LDAC low to update all 4 DACs simultaneously, then fetches and writes the next sample to all 4 DACs. The
samples are stored as a look-up table, which describes one full period of a sine wave.
The serial port of the controller is used in Mode 0, which transmits 8 bits of data on RxD, accompanied by a
synchronous clock on TxD. Two writes concatenated together are required to write a complete word to the
TLV5604. The CS and FS signals are provided in the required fashion through control of IO port 3, which has
bit addressable outputs.
MCS is a registered trademark of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com