Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5604CD
Description  2.7-V TO 5.5-V 10-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5604CD Datasheet(HTML) 1 Page - Texas Instruments

  TLV5604CD Datasheet HTML 1Page - Texas Instruments TLV5604CD Datasheet HTML 2Page - Texas Instruments TLV5604CD Datasheet HTML 3Page - Texas Instruments TLV5604CD Datasheet HTML 4Page - Texas Instruments TLV5604CD Datasheet HTML 5Page - Texas Instruments TLV5604CD Datasheet HTML 6Page - Texas Instruments TLV5604CD Datasheet HTML 7Page - Texas Instruments TLV5604CD Datasheet HTML 8Page - Texas Instruments TLV5604CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Four 10-Bit D/A Converters
D Programmable Settling Time
of 3
µs or 9 µs Typ
D TMS320, (Q)SPI, and Microwire
Compatible Serial Interface
D Internal Power-On Reset
D Low Power Consumption:
5.5 mW, Slow Mode – 5-V Supply
3.3 mW, Slow Mode – 3-V Supply
D Reference Input Buffers
D Voltage Output Range ...2× the Reference
Input Voltage
D Monotonic Over Temperature
D Dual 2.7-V to 5.5-V Supply (Separate Digital
and Analog Supplies)
D Hardware Power Down (10 nA)
D Software Power Down (10 nA)
D Simultaneous Update
applications
D Battery Powered Test Instruments
D Digital Offset and Gain Adjustment
D Industrial Process Controls
D Machine and Motion Control Devices
D Communications
D Arbitrary Waveform Generation
description
The TLV5604 is a quadruple 10-bit voltage output
digital-to-analog converter (DAC) with a flexible
4-wire serial interface. The 4-wire serial interface
allows glueless interface to TMS320, SPI, QSPI,
and Microwire serial ports. The TLV5604 is
programmed with a 16-bit serial word comprised
of a DAC address, individual DAC control bits, and
a 10-bit DAC value.
The device has provision for two supplies: one digital supply for the serial interface (via pins DVDD and DGND),
and one for the DACs, reference buffers and output buffers (via pins AVDD and AGND). Each supply is
independent of the other, and can be any value between 2.7 V and 5.5 V. The dual supplies allow a typical
application where the DAC will be controlled via a microprocessor operating on a 3-V supply (also used on pins
DVDD and DGND), with the DACs operating on a 5-V supply. Of course, the digital and analog supplies can be
tied together.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. A rail-to-rail output stage and a power-down mode
makes it ideal for single voltage, battery based applications. The settling time of the DAC is programmable to
allow the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits
within the 16-bit serial input string. A high-impedance buffer is integrated on the REFINAB and REFINCD
terminals to reduce the need for a low source impedance drive to the terminal. REFINAB and REFINCD allow
DACs A and B to have a different reference voltage then DACs C and D.
The device, implemented with a CMOS process, is available in 16-terminal SOIC and TSSOP packages. The
TLV5604C is characterized for operation from 0
°C to 70°C. The TLV5604I is characterized for operation from
–40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DVDD
PD
LDAC
DIN
SCLK
CS
FS
DGND
AVDD
REFINAB
OUTA
OUTB
OUTC
OUTD
REFINCD
AGND
(TOP VIEW)
D OR PW PACKAGE
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.


Similar Part No. - TLV5604CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604CD TI-TLV5604CD Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CD TI-TLV5604CD Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CDG4 TI-TLV5604CDG4 Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CDR TI-TLV5604CDR Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604CDR TI-TLV5604CDR Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5604CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604 TI-TLV5604_15 Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com