Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV5604CPWR
Description  2.7-V TO 5.5-V 10-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5604CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV5604CPWR Datasheet HTML 10Page - Texas Instruments TLV5604CPWR Datasheet HTML 11Page - Texas Instruments TLV5604CPWR Datasheet HTML 12Page - Texas Instruments TLV5604CPWR Datasheet HTML 13Page - Texas Instruments TLV5604CPWR Datasheet HTML 14Page - Texas Instruments TLV5604CPWR Datasheet HTML 15Page - Texas Instruments TLV5604CPWR Datasheet HTML 16Page - Texas Instruments TLV5604CPWR Datasheet HTML 17Page - Texas Instruments TLV5604CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
In power down mode, all amplifiers within the TLV5604 are disabled. A particular DAC (A, B, C, D) of the
TLV5604 is selected by A1 and A0 within the input word.
A1
A0
DAC
0
0
A
0
1
B
1
0
C
1
1
D
TLV5604 interfaced to TMS320C203 DSP
Hardware interfacing
Figure 17 shows an example of how to connect the TLV5604 to a TMS320C203 DSP. The serial port is
configured in burst mode, with FSX generated by the TMS320C203 to provide the Frame Sync (FS) input to
the TLV5604. Data is transmitted on the DX line, with the serial clock input on the CLKX line. The
general-purpose input/output port bits IO0 and IO1 are used to generate the Chip Select ( CS) and DAC Latch
Update ( LDAC ) inputs to the TLV5604. The active low Power Down ( PD ) is pulled high all the time to ensure
the DACs are enabled.
DX
CLKX
FSX
I/O 0
I/O 1
TMS320C203
SDIN
SCLK
FS
CS
LDAC
REF
VDD
PD
VOUTA
VOUTB
VOUTC
VOUTD
VSS
TLV5604
REFINAB
REFINCD
Figure 17. TLV5604 Interfaced with TMS320C203
Software
The application example generates a differential in-phase (sine) signal between the VOUTA and VOUTB pins,
and it is quadrature (cosine) signal as the differential signal between VOUTC and VOUTD.
The on-chip timer is used to generate interrupts at a fixed frequency. The related interrupt service routine pulses
LDAC low to update all 4 DACs simultaneously, then fetches and writes the next sample to all 4 DACs. The
samples are stored in a look-up table, which describes two full periods of a sine wave.
The synchronous serial port of the DSP is used in burst mode. In this mode, the processor generates an FS
pulse preceding the MSB of every data word. If multiple, contiguous words are transmitted, a violation of the
tsu(C16-FS) timing requirement will occur. To avoid this, the program waits until the transmission of the previous
word has been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com