Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CPWR Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV5604CPWR
Description  2.7-V TO 5.5-V 10-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5604CPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV5604CPWR Datasheet HTML 13Page - Texas Instruments TLV5604CPWR Datasheet HTML 14Page - Texas Instruments TLV5604CPWR Datasheet HTML 15Page - Texas Instruments TLV5604CPWR Datasheet HTML 16Page - Texas Instruments TLV5604CPWR Datasheet HTML 17Page - Texas Instruments TLV5604CPWR Datasheet HTML 18Page - Texas Instruments TLV5604CPWR Datasheet HTML 19Page - Texas Instruments TLV5604CPWR Datasheet HTML 20Page - Texas Instruments TLV5604CPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
;
set up the timer
;
timer period set by values in PRD and TDDR
;
period = (CLKOUT1 period)
× (1+PRD) × (1+TDDR)
;
examples for TMS320C203 with 40 MHz main clock
; Timer rate
TDDR
PRD
;
80 kHz
9
24 (18h)
;
50 kHz
9
39 (27h)
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
prd_val.equ
0018h
tcr_val.equ
0029h
splk
#0000h, temp
; clear timer
out
temp, TIM
splk
#prd_val, temp
; set PRD
out
temp, PRD
splk
#tcr_val, temp
; set TDDR, and TRB=1 for auto-reload
out
temp, TCR
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; Configure IO0/1 as outputs to be :
; IO0
CS
– and set high
; IO1
LDAC
– and set high
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
in
temp, ASPCR
; configure as output
lacl
temp
or
#0003h
sacl
temp
out
temp, ASPCR
in
temp, IOSR
; set them high
lacl
temp
or
#0003h
sacl
temp
out
temp, IOSR
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; set up serial port for
; SSPCR.TXM=1
Transmit mode – generate FSX
; SSPCR.MCM=1
Clock mode – internal clock source
; SSPCR.FSM=1
Burst mode
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
splk
#0000Eh, temp
out
temp, SSPCR
; reset transmitter
splk
#0002Eh, temp
out
temp, SSPCR
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; reset the rolling pointer
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
lacl
#000h
sacl r_ptr
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; enable interrupts
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
clrc
INTM
; enable maskable interrupts
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; loop forever!
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
next
idle
;wait for interrupt
b
next
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; all else fails stop here
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
done
b
done
;hang there



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com