Electronic Components Datasheet Search
  English  ▼

X  

TLV5619CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV5619CPWR
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5619CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV5619CPWR Datasheet HTML 6Page - Texas Instruments TLV5619CPWR Datasheet HTML 7Page - Texas Instruments TLV5619CPWR Datasheet HTML 8Page - Texas Instruments TLV5619CPWR Datasheet HTML 9Page - Texas Instruments TLV5619CPWR Datasheet HTML 10Page - Texas Instruments TLV5619CPWR Datasheet HTML 11Page - Texas Instruments TLV5619CPWR Datasheet HTML 12Page - Texas Instruments TLV5619CPWR Datasheet HTML 13Page - Texas Instruments TLV5619CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
DEFINITIONS OF SPECIFICATIONS AND TERMINOLOGY
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Zero-Scale Error (EZS)
Gain Error (EG)
Signal-to-Noise Ratio + Distortion (S/N+D)
Spurious Free Dynamic Range (SFDR)
Total Harmonic Distortion (THD)
TLV5619
SLAS172F – DECEMBER 1997 – REVISED FEBRUARY 2004
The relative accuracy or integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum
deviation of the output from the line between zero and full scale excluding the effects of zero code and full-scale
errors.
The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the
measured and ideal 1 LSB amplitude change of any two adjacent codes. Monotonic means the output voltage
changes in the same direction (or remains constant) as a change in the digital input code.
Zero-scale error is defined as the deviation of the output from 0 V at a digital input value of 0.
Gain error is the error in slope of the DAC transfer function.
S/N+D is the ratio of the rms value of the output signal to the rms sum of all other spectral components below the
Nyquist frequency, including harmonics but excluding dc. The value for S/N+D is expressed in decibels.
SFDR is the difference between the rms value of the output signal and the rms value of the largest spurious
signal within a specified bandwidth. The value for SFDR is expressed in decibels.
THD is the ratio of the rms sum of the first six harmonic components to the rms value of the fundamental signal
and is expressed in decibels.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com