Electronic Components Datasheet Search
  English  ▼

X  

TLV5633IPW Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV5633IPW
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5633IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5633IPW Datasheet HTML 2Page - Texas Instruments TLV5633IPW Datasheet HTML 3Page - Texas Instruments TLV5633IPW Datasheet HTML 4Page - Texas Instruments TLV5633IPW Datasheet HTML 5Page - Texas Instruments TLV5633IPW Datasheet HTML 6Page - Texas Instruments TLV5633IPW Datasheet HTML 7Page - Texas Instruments TLV5633IPW Datasheet HTML 8Page - Texas Instruments TLV5633IPW Datasheet HTML 9Page - Texas Instruments TLV5633IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
DIGITAL INPUT TIMING REQUIREMENTS
PARAMETER MEASUREMENT INFORMATION
X
Data
X
X
Address
X
tsu(D)
tsu(A)
th(DA)
twH(WE)
tsu(WE-LD)
tw(LD)
tsu(CS-WE)
D(0-7)
A(0,1)
CS
WE
LDAC
LSW
X
X
MSW
X
0
X
X
1
X
D(0-7)
A(0,1)
CS
WE
LDAC
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
MIN
NOM
MAX
UNIT
tsu(CS-WE)
Setup time, CS low before negative WE edge
15
ns
tsu(D)
Setup time, data ready before positive WE edge
10
ns
tsu(A)
Setup time, addresses ready before positive WE edge
20
ns
th(DA)
Hold time, data and addresses held valid after positive WE edge
5
ns
tsu(WE-LD)
Setup time, positive WE edge before LDAC low
5
ns
twH(WE)
Pulse duration, WE high
20
ns
tw(LD)
Pulse duration, LDAC low
23
ns
Figure 1. Timing Diagram
Figure 2. Example of a Complete Write Cycle (MSW, LSW) Using LDAC for Update
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com