Electronic Components Datasheet Search
  English  ▼

X  

TLV5633IPW Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV5633IPW
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5633IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5633IPW Datasheet HTML 4Page - Texas Instruments TLV5633IPW Datasheet HTML 5Page - Texas Instruments TLV5633IPW Datasheet HTML 6Page - Texas Instruments TLV5633IPW Datasheet HTML 7Page - Texas Instruments TLV5633IPW Datasheet HTML 8Page - Texas Instruments TLV5633IPW Datasheet HTML 9Page - Texas Instruments TLV5633IPW Datasheet HTML 10Page - Texas Instruments TLV5633IPW Datasheet HTML 11Page - Texas Instruments TLV5633IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-0.4
-1
0
512
1024
1536
2048
2560
0
0.4
Digital Code
1
3072
3584
4096
0.8
0.6
0.2
-0.2
-0.6
-0.8
-2
-3
0
512
1024
1536
2048
2560
0
1
Digital Code
3
3072
3584
4096
2
-1
4.078
4.077
4.076
4.0755
0
0.5
1
1.5
2
2.5
3
4.079
4.0795
4.08
3.5
4
4.5
4.0785
4.0775
4.0765
Load Current - mA
Fast Mode, Source
Slow Mode, Source
AVDD = 5 V,
Vref = Int. 2 V,
Input Code = 0xFFF
2.0385
2.037
2.036
2.0355
0
0.5
1
1.5
2
2.5
3
2.039
2.0395
Load Current - mA
2.04
3.5
4
4.5
2.038
2.0375
2.0365
Fast Mode, Source
Slow Mode, Source
AVDD = 3 V,
Vref = Int. 1 V,
Input Code = 0xFFF
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
DIFFERENTIAL NONLINEARY ERROR
Figure 4.
INTEGRAL NONLINEARTIY ERROR
Figure 5.
MAXIMUM OUTPUT VOLTAGE
MAXIMUM OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 6.
Figure 7.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com