Electronic Components Datasheet Search
  English  ▼

X  

TMP103 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP103
Description  TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP103 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP103 Datasheet HTML 13Page - Texas Instruments TMP103 Datasheet HTML 14Page - Texas Instruments TMP103 Datasheet HTML 15Page - Texas Instruments TMP103 Datasheet HTML 16Page - Texas Instruments TMP103 Datasheet HTML 17Page - Texas Instruments TMP103 Datasheet HTML 18Page - Texas Instruments TMP103 Datasheet HTML 19Page - Texas Instruments TMP103 Datasheet HTML 20Page - Texas Instruments TMP103 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
TMP103
www.ti.com
SBOS545D – FEBRUARY 2011 – REVISED DECEMBER 2018
Product Folder Links: TMP103
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 4. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature Register (Read Only)
0
1
Configuration Register (Read/Write)
1
0
TLOW Register (Read/Write)
1
1
THIGH Register (Read/Write)
7.6.2 Temperature Register
The Temperature Register of the TMP103 device is configured as an eight-bit, read-only register that stores the
output of the most recent conversion. A single byte must be read to obtain data, and is described in Table 5. The
data format for temperature is summarized in Table 6. One LSB equals 1°C.
Table 5. Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T7
T6
T5
T4
T3
T2
T1
T0
Negative numbers are represented in binary twos complement format. Following power up or reset, the
Temperature Register reads 0°C until the first conversion is complete.
(1)
The resolution for the ADC is 1°C/count, where count is equal to the digital output of the ADC.
Table 6. 8-Bit Temperature Data Format(1)
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX
128
0111 1111
7F
127
0111 1111
7F
100
0110 0100
64
80
0101 0000
50
75
0100 1011
4B
50
0011 0010
32
25
0001 1001
19
0
0000 0000
00
–1
1111 1111
FF
–25
1110 0111
E7
–55
1100 1001
C9
For positive temperatures (for example, 50°C):
Twos complement is not performed on positive numbers. Therefore, simply convert the number to binary
code, left-justified format. Denote a positive number with MSB = 0.
Example: (50°C)/(1°C/count) = 50 = 32h = 0011 0010
For negative temperatures (for example, –25°C):
Generate the twos complement of a negative number by complementing the absolute value binary number
and adding 1. Denote a negative number with MSB = 1.
Example: (|–25°C|)/(1°C/count) = 25 = 19h = 0001 1001
Twos complement format: 1110 0110 + 1 = 1110 0111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com