Electronic Components Datasheet Search
  English  ▼

X  

TMP103 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP103
Description  TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP103 Datasheet(HTML) 4 Page - Texas Instruments

  TMP103 Datasheet HTML 1Page - Texas Instruments TMP103 Datasheet HTML 2Page - Texas Instruments TMP103 Datasheet HTML 3Page - Texas Instruments TMP103 Datasheet HTML 4Page - Texas Instruments TMP103 Datasheet HTML 5Page - Texas Instruments TMP103 Datasheet HTML 6Page - Texas Instruments TMP103 Datasheet HTML 7Page - Texas Instruments TMP103 Datasheet HTML 8Page - Texas Instruments TMP103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TMP103
SBOS545D – FEBRUARY 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP103
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TMP103
UNIT
YFF (DSBGA)
4 BALLS
RθJA
Junction-to-ambient thermal resistance
160
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75
°C/W
RθJB
Junction-to-board thermal resistance
76
°C/W
ψJT
Junction-to-top characterization parameter
3
°C/W
ψJB
Junction-to-board characterization parameter
74
°C/W
6.5 Electrical Characteristics
at TA = 25°C and V
+ = 1.4 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
125
°C
Accuracy (temperature
error)
–10°C to 100°C, V+ = 1.8 V
–2
0
2
°C
–40°C to 125°C, V+ = 1.8 V
–3
±1
3
vs supply
–0.5
±0.2
0.5
°C/V
Resolution
1
°C
DIGITAL INPUT/OUTPUT
VIH
Input logic levels
0.7 (V+)
V+
V
VIL
–0.5
0.3 (V+)
IIN
Input current
0 < VIN < (V
+) + 0.3 V
1
μA
VOL SDA
Output logic levels
V+ > 2 V, IOL = 2 mA
0
0.4
V
V+ < 2 V, IOL = 2 mA
0
0.2 (V+)
Resolution
8
Bit
Conversion time
26
35
ms
Conversion modes
CR1 = 0, CR0 = 0 (default)
0.25
Conv/s
CR1 = 0, CR0 = 1
1
CR1 = 1, CR0 = 0
4
CR1 = 1, CR0 = 1
8
Timeout time
30
40
ms
POWER SUPPLY
Operating supply range
1.4
3.6
V
IQ
Quiescent current
Serial bus inactive, CR1 = 0, CR0 = 0 (default), V+ = 1.8 V
1.5
3
μA
Serial bus active, SCL frequency = 400 kHz
15
Serial bus active, SCL frequency = 3.4 MHz
85
ISD
Shutdown current
Serial bus inactive, V+ = 1.8 V
0.5
1
μA
Serial bus active, SCL frequency = 400 kHz
10
Serial bus active, SCL frequency = 3.4 MHz
80
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com