Electronic Components Datasheet Search
  English  ▼

X  

TMP108 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 14Page - Texas Instruments TMP108 Datasheet HTML 15Page - Texas Instruments TMP108 Datasheet HTML 16Page - Texas Instruments TMP108 Datasheet HTML 17Page - Texas Instruments TMP108 Datasheet HTML 18Page - Texas Instruments TMP108 Datasheet HTML 19Page - Texas Instruments TMP108 Datasheet HTML 20Page - Texas Instruments TMP108 Datasheet HTML 21Page - Texas Instruments TMP108 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Time (s)
0
50
100
150
200
250
300
350
400
450
500
20
30
40
50
60
70
80
90
100
110
sbos
Thermal Time Constant (W) = 68.0028 seconds
Time (s)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
sbos
W
18
TMP108
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
Typical Application (continued)
8.2.3 Application Curves
Figure 16 shows the step response of the TMP108 device to a submersion in an oil bath of 100°C from room
temperature (25°C.) The time constant, or the time for the output to reach 63% of the input step, is about 1
second. Figure 17 shows the step response of the TMP108 device to an insertion in an air chamber of 100°C
from room temperature (25°C.) The time-constant is 68 seconds. The time-constant result depends on the
printed-circuit board (PCB) that the TMP108 device is mounted. For this test, the PCB is 0.5 in × 0.5 in, and the
PCB thickness is 32 mils.
Figure 16. Moving Oil Thermal Response
Figure 17. Still Air Thermal Response
9 Power Supply Recommendations
The TMP108 operates on a power supply range from 1.4 V to 3.6 V. A power-supply bypass capacitor is
required, which must be placed as close to the supply and ground pins of the device as possible. A typical supply
bypass capacitor is 100 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com