Electronic Components Datasheet Search
  English  ▼

X  

TMP108 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP108
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 19Page - Texas Instruments TMP108 Datasheet HTML 20Page - Texas Instruments TMP108 Datasheet HTML 21Page - Texas Instruments TMP108 Datasheet HTML 22Page - Texas Instruments TMP108 Datasheet HTML 23Page - Texas Instruments TMP108 Datasheet HTML 24Page - Texas Instruments TMP108 Datasheet HTML 25Page - Texas Instruments TMP108 Datasheet HTML 26Page - Texas Instruments TMP108 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.30
0.12
0.8
TYP
0.4 TYP
0.4 TYP
6X
0.3
0.2
B
E
A
D
DSBGA - 0.625 mm max height
YFF0006
DIE SIZE BALL GRID ARRAY
4223785/A 06/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
B
1
2
0.015
C A B
SYMM
SYMM
A
C
SCALE 10.500
D: Max =
E: Max =
1.216 mm, Min =
0.816 mm, Min =
1.156 mm
0.756 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com