Electronic Components Datasheet Search
  English  ▼

X  

TMP141 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP141
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP141 Datasheet(HTML) 4 Page - Texas Instruments

  TMP141 Datasheet HTML 1Page - Texas Instruments TMP141 Datasheet HTML 2Page - Texas Instruments TMP141 Datasheet HTML 3Page - Texas Instruments TMP141 Datasheet HTML 4Page - Texas Instruments TMP141 Datasheet HTML 5Page - Texas Instruments TMP141 Datasheet HTML 6Page - Texas Instruments TMP141 Datasheet HTML 7Page - Texas Instruments TMP141 Datasheet HTML 8Page - Texas Instruments TMP141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = −40°C to +125°C and VS = +3.0V to +3.6V, unless otherwise noted.
200
180
160
140
120
100
80
60
40
−55 −35 −15
5
25
456585
105
125
Temperature (
_C)
QUIESCENT CURRENT vs TEMPERATURE
3.3V
5.5V
2.7V
200
180
160
140
120
100
80
60
40
−55 −35 −15
5
25
456585
105
125
Temperature (
_C)
I
STBY vs TEMPERATURE
3.3V
5.5V
2.7V
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−55 −35 −15
5
25
456585
105
125
Temperature (
_C)
TYPICAL PERFORMANCE FOR THREE UNITS
220
210
200
190
180
170
160
−55 −35 −15
5
25
456585
105
125
Temperature (
_C)
TYPICAL CONVERSION TIME vs TEMPERATURE
3.3V
5.5V
2.7V
120
110
100
90
80
70
60
0
200
400
600
800
1000
1200
1400
1600
Conversion Time (ms)
QUIESCENT CURRENT vs CONVERSION TIME
Peak Current
Average Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com