Electronic Components Datasheet Search
  English  ▼

X  

TMP141 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP141
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP141 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP141 Datasheet HTML 6Page - Texas Instruments TMP141 Datasheet HTML 7Page - Texas Instruments TMP141 Datasheet HTML 8Page - Texas Instruments TMP141 Datasheet HTML 9Page - Texas Instruments TMP141 Datasheet HTML 10Page - Texas Instruments TMP141 Datasheet HTML 11Page - Texas Instruments TMP141 Datasheet HTML 12Page - Texas Instruments TMP141 Datasheet HTML 13Page - Texas Instruments TMP141 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
10
APPLICATIONS INFORMATION
Table 1. Register Set Summary
ADDRESS
RESET
VALUE
BIT POSITION (MSB to the left. In a transmission, the MSB is sent first.)
ADDRESS
(hex)
NAME
R/W
VALUE
(hex)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
Device
Number
R
1(1)
Not Available (this register is 8 bits long)
Reserved
See Table 2
0
Device
Number
R
1(1)
Not Available (this register is 8 bits long)
0
0
0
0
0
AS2
AS1
AS0
1
Manufacturer
ID
R
104C
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
2
Device ID
R
8D
Revision ID
Device ID
2
Device ID
R
8D
0
0
0
0
0
0
0
0
1
0
0
0
1
1
0
1
3
Capabilities
R
1
Reserved
Function 1
3
Capabilities
R
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
4
Status
R
0
Not Available (this register is 8 bits long)
BER
0
0
ORUN
0
0
0
SF1
5
Device
Control
R/W
0
Reserved
ENAB
Res
Low
Pwr
Shut
Down
Reset
5
Device
Control
R/W
0
0
0
0
0
0
0
0
0
0
0
0
ENAB
0
Low
Pwr
Shut
Down
Reset
8
Temperature
Capabilities
R
014A
Reserved
Internal
Sense
ROUT
Size
Sign
Result is10 Bits
Resolution Is 0.25
°C
8
Capabilities
R
014A
0
0
0
0
0
0
0
1
0
1
0
0
1
0
1
0
9
Temperature
Readout
R
0
Sign
64
°C 32°C 16°C 8°C
4
°C
2
°C
1
°C
0.5
°C
0.25
°C
Reserved
9
Temperature
Readout
R
0
Sign
64
°C 32°C 16°C 8°C
4
°C
2
°C
1
°C
0.5
°C
0.25
°C
0
0
0
0
0
0
A
Temperature
Control
R/W
0
EN_S
AT_E
A
Temperature
Control
R/W
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
EN_S
AT_E
B−1F
Reserved
R
Undefined
20
Conversion
Rate
R/W
2(2)
Not Available (this register is 8 bits long)
0
0
0
0
0
0
Conversion
Rate
21−3F
Undefined
Undefined
(1) See Table 2 for the value of register 0 at Reset.
(2) See Table 4 for the conversion rate settings.
REGISTER DETAILS
Register 0: Device Number (Read-Only)
Register 0 is an 8-bit register. The device number is
created from the inputs at the address pins. The result is
placed in Register 0 according to Table 2.
Table 2. Device Number—Assignments
ADD1:ADD0
AS2:AS0
BITS 2:0
00
001
01
010
10
011
11
100
ADD1 and ADD0 are the physical pins used to define the
address to which the TMP141 responds to—they are not
the actual addresses. AS2:AS0 is the address to which the
device responds.
Device number 000b is the broadcast address reserved for
communicating with all devices, and can be responded to
by all slave devices. The TMP141 ignores a broadcast
Read transaction. A broadcast Write message may be
used to write to the Device Control Register, which is the
only register which responds to broadcast messages (see
the Device Control Register description).
Register 1: Manufacturer ID (Read-Only)
The Manufacturer ID for Texas Instruments is 104Ch.
Register 2: Device ID (Read-Only)
The device ID is unique for each device produced by TI.
Bits 10:0 contain 8Dh, which is the identifier for the
TMP141. Bits 15:11 identify the revision of the die and will
be incremented upon device revision.
Register 3: Capabilities (Read-Only)
Function 1 for the TMP141 is temperature measurement;
this is the only function defined for the TMP141. This
register has the value of 1h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com