Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 24Page - Texas Instruments TMP451 Datasheet HTML 25Page - Texas Instruments TMP451 Datasheet HTML 26Page - Texas Instruments TMP451 Datasheet HTML 27Page - Texas Instruments TMP451 Datasheet HTML 28Page - Texas Instruments TMP451 Datasheet HTML 29Page - Texas Instruments TMP451 Datasheet HTML 30Page - Texas Instruments TMP451 Datasheet HTML 31Page - Texas Instruments TMP451 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
TMP451
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
Table 29. Digital Filter Configuration
VALUE
Number of Remote Temperature Measurements Averaged
0h
Averaging off
1h
4
2h
8
4h
not used
7.6.1.25 Manufacturer ID Register (offset: Read = FEh; Write = N/A) [reset = 55]
Figure 40. Manufacturer ID Register
7
6
5
4
3
2
1
0
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
R-0h
R-1h
R-0h
R-1h
R-0h
R-1h
R-0h
R-1h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 30. Manufacturer ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7 - 0
ID7 - ID0
R
55h
Manufacturer identification information
The TMP451 device allows for the two-wire bus controller to query the device for manufacturer and device IDs to
enable software identification of the device at the particular two-wire bus address. The manufacturer ID is
obtained by reading from pointer address FEh. The TMP451 device reads 55h for the manufacturer code.
28
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com